Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0760945003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760945003
Description  Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn) Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0760945003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760945003_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0760945003_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
EMI Gasket
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-75310-001, AS-76090-001-001
Electrical Model Document
EE-76090-001
Packaging Specification
PK-75451-001-001
Product Specification
PS-75310-001, TS-76092-999-001
S-Parameter Model
SP-76090-001
Sales Drawing
SD-76094-001, SD-76094-003
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760945003_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760945003 MOLEX9-0760945003 Datasheet
900Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 2 Outer Lightpipe Ports
More results

Similar Description - 0760945003_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760915003 MOLEX1-0760915003_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760915003 MOLEX9-0760915003 Datasheet
587Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760940003 MOLEX9-0760940003 Datasheet
897Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn)/Lead(Pb) Tails
0760945001 MOLEX1-0760945001_17 Datasheet
37Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn) Tails
0760945001 MOLEX9-0760945001 Datasheet
900Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn) Tails
0760925003 MOLEX9-0760925003 Datasheet
726Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-4 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn) Tails
0760935003 MOLEX9-0760935003 Datasheet
826Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-5 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 200 Circuits, Tin (Sn) Tails
0760910002 MOLEX9-0760910002 Datasheet
584Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 2 Outer Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn)/Lead(Pb) Tails
0760915001 MOLEX1-0760915001_17 Datasheet
49Kb / 2P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-2 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 80 Circuits, Tin (Sn) Tails
0760940001 MOLEX9-0760940001 Datasheet
897Kb / 6P
   Small Form-factor Pluggable Plus (SFP) Stacked 2-by-6 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 240 Circuits, Tin (Sn)/Lead(Pb) Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com