Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY-1-MV Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CNY-1-MV
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY-1-MV Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CNY-1-MV Datasheet HTML 1Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 2Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 3Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 4Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 5Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 6Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 7Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 8Page - Fairchild Semiconductor CNY-1-MV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Isolation Characteristics
Note
* 5300 Vac(rms) for 1 minute equates to approximately 9000 Vac (pk) for 1 second
** Typical values at TA = 25°C
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Units
Input-Output Isolation Voltage
f = 60 Hz, t = 1 min.
VISO
Black Package
5300
Vac(rms)*
‘-M’ White Package
7500
Vac(pk)
Isolation Resistance
VI-O = 500 VDC
RISO
All
1011
Isolation Capacitance
VI-O = Ø, f = 1 MHz
CISO
Black Package
0.5
pF
‘-M’ White Package
0.2
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ Max Units
Current Transfer Ratio,
Collector to Emitter
IF = 10 mA, VCE = 5 V
CTR
CNY17-1/-1-M
40
80
%
CNY17-2/-2-M
63
125
CNY17-3/-3-M
100
200
CNY17-4
160
320
Saturation Voltage
IF = 10 mA, IC = 2.5 mA
VCE(SAT)
All
.40
V
AC Characteristics
Test Conditions
Symbol
Device
Min
Typ Max Units
Non-Saturated Switching Times
Turn-On Time (Fig.19 and Fig.20)
RL = 100 Ω, IC = 2 mA, VCC = 10 V
ton
non -M
10
µs
Turn-Off Time (Fig.19 and Fig.20)
RL = 100 Ω, IC = 2 mA, VCC = 10 V
toff
non -M
10
µs
Delay Time (Fig.19 and Fig.20)
IF = 10 mA, VCC = 5 V, RL = 75 Ω
td
-M
5.6
µs
Rise Time (Fig.19 and Fig.20)
IF = 10 mA, VCC = 5 V, RL = 75 Ω
tr
-M
4.0
µs
Storage Time (Fig.19 and Fig.20)
IF = 10 mA, VCC = 5 V, RL = 75 Ω
ts
-M
4.1
µs
Fall Time (Fig.19 and Fig.20)
IF = 10 mA, VCC = 5 V, RL = 75 Ω
tf
-M
3.5
µs
Saturated Switching Times
Turn-On Time (Fig.19 and Fig.20)
IF = 20 mA, VCE = 0.4 V
ton
CNY17-1
5.5
µs
IF = 10 mA, VCE = 0.4 V
CNY17-2,
CNY17-3,
CNY17-4
8.0
Rise-Time (Fig.19 and Fig.20)
IF = 20 mA, VCE = 0.4 V
tr
CNY17-1
4.0
µs
IF = 10 mA, VCE = 0.4 V
CNY17-2,
CNY17-3,
CNY17-4
6.0
IF = 20 mA, VCC = 5 V, RL = 1 KΩ
CNY17-1-M
4.0
IF = 10 mA, VCC = 5 V, RL = 1 KΩ
CNY17-2-M,
CNY17-3-M
6.0
Delay Time (Fig.19 and Fig.20)
IF = 20 mA, VCC = 5 V, RL =1 KΩ
td
CNY17-1-M
5.5
µs
IF = 10 mA, VCC = 5 V, RL =1 KΩ
CNY17-2,
CNY17-3
8.0
Turn-Off Time (Fig.19 and Fig.20)
IF = 20 mA, VCE = 0.4 V
toff
CNY17-1
34.0
ms
IF = 10 mA, VCE = 0.4 V
CNY17-2,
CNY17-3,
CNY17-4
39.0


Similar Part No. - CNY-1-MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY117F VISHAY-CNY117F Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-1 VISHAY-CNY117F-1 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-2 VISHAY-CNY117F-2 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-3 VISHAY-CNY117F-3 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
More results

Similar Description - CNY-1-MV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com