Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE7.5A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # P6KE7.5A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

P6KE7.5A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  P6KE7.5A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd P6KE7.5A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd P6KE7.5A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd P6KE7.5A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd P6KE7.5A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A122
Rev. 1.3, 28-Apr-14
www.21yangjie.com
P6KE SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
(单向)
Part
Number(Uni)
产品型号
(双向)
Part
Number(Bi)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电
IT(mA)
P6KE200
P6KE200C
180
220
1.0
5.0
162
2.1
287
P6KE200A
P6KE200CA
190
210
1.0
5.0
171
2.2
274
P6KE220
P6KE220C
198
242
1.0
5.0
175
1.7
344
P6KE220A
P6KE220CA
209
231
1.0
5.0
185
1.8
328
P6KE250
P6KE250C
225
275
1.0
5.0
202
1.7
360
P6KE250A
P6KE250CA
237
263
1.0
5.0
214
1.7
344
P6KE300
P6KE300C
270
330
1.0
5.0
243
1.4
430
P6KE300A
P6KE300CA
285
315
1.0
5.0
256
1.4
414
P6KE350
P6KE350C
315
385
1.0
5.0
284
1.2
505
P6KE350A
P6KE350CA
333
368
1.0
5.0
300
1.2
482
P6KE400
P6KE400C
360
440
1.0
5.0
324
1.0
574
P6KE400A
P6KE400CA
380
420
1.0
5.0
342
1.1
548
P6KE440
P6KE440C
396
484
1.0
5.0
356
0.95
631
P6KE440A
P6KE440CA
418
462
1.0
5.0
376
1.0
602
P6KE500
P6KE500C
450
550
1.0
5.0
406
0.83
723
P6KE500A
P6KE500CA
475
525
1.0
5.0
427.5
0.87
690
P6KE520
P6KE520C
468
572
1.0
5.0
422.2
0.80
750
P6KE520A
P6KE520CA
494
546
1.0
5.0
444.6
0.84
714
P6KE540
P6KE540C
486
594
1.0
5.0
437
0.78
769
P6KE540A
P6KE540CA
513
567
1.0
5.0
459
0.81
741
P6KE550
P6KE550C
495
605
1.0
5.0
446
0.76
789
P6KE550A
P6KE550CA
522.5
577
1.0
5.0
470
0.79
759
P6KE600
P6KE600C
540
660
1.0
5.0
487.2
0.69
870
P6KE600A
P6KE600CA
570
630
1.0
5.0
513
0.72
833


Similar Part No. - P6KE7.5A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE7.5A SECOS-P6KE7.5A Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE7.5A SECOS-P6KE7.5A Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Motorola, Inc
P6KE7.5A MOTOROLA-P6KE7.5A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
ON Semiconductor
P6KE7.5A ONSEMI-P6KE7.5A Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
logo
Yangzhou yangjie electr...
P6KE7.5A YANGJIE-P6KE7.5A Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE7.5A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com