Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF4728 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SMF4728
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMF4728 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMF4728 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMF4728 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMF4728 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S110
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SMF47 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
Part Number
印字代码
Marking Code
额定齐纳电压
Nominal
Zener voltage
测试电流
Test
current
最大动态阻抗
Maximum dynamic impedance
resistance
最大反向漏电流
Maximum reverse leakage current
最大浪涌电流
Max Surge
current
VZ
(1)at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test voltage VR
IRM
(2)
V
mA
Ω
Ω
mA
μ
A
V
mA
SMF4728
4728
3.3
76
10
400
1
100
1.0
1380
SMF4729
4729
3.6
69
10
400
1
100
1.0
1260
SMF4730
4730
3.9
64
9
400
1
50
1.0
1190
SMF4731
4731
4.3
58
9
400
1
10
1.0
1070
SMF4732
4732
4.7
53
8
500
1
10
1.0
970
SMF4733
4733
5.1
49
7
550
1
10
1.0
890
SMF4734
4734
5.6
45
5
600
1
10
2.0
810
SMF4735
4735
6.2
41
2
700
1
10
3.0
730
SMF4736
4736
6.8
37
3.5
700
1
10
4.0
660
SMF4737
4737
7.5
34
4
700
0.5
10
5.0
605
SMF4738
4738
8.2
31
4.5
700
0.5
10
6.0
550
SMF4739
4739
9.1
28
5
700
0.5
10
7.0
500
SMF4740
4740
10
25
7
700
0.25
10
7.6
454
SMF4741
4741
11
23
8
700
0.25
5
8.4
414
SMF4742
4742
12
21
9
700
0.25
5
9.1
380
SMF4743
4743
13
19
10
700
0.25
5
9.9
344
SMF4744
4744
15
17
14
700
0.25
5
11.4
304
SMF4745
4745
16
15.5
16
700
0.25
5
12.2
285
SMF4746
4746
18
14
20
750
0.25
5
13.7
250
SMF4747
4747
20
12.5
22
750
0.25
5
15.2
225
SMF4748
4748
22
11.5
23
750
0.25
5
16.7
205
SMF4749
4749
24
10.5
25
750
0.25
5
18.2
190
SMF4750
4750
27
9.5
35
750
0.25
5
20.6
170
SMF4751
4751
30
8.5
40
1000
0.25
5
22.8
150
SMF4752
4752
33
7.5
45
1000
0.25
5
25.1
135
SMF4753
4753
36
7
50
1000
0.25
5
27.4
125
SMF4754
4754
39
6.5
60
1000
0.25
5
29.7
115
SMF4755
4755
43
6
70
1500
0.25
5
32.7
110
SMF4756
4756
47
5.5
80
1500
0.25
5
35.8
95
SMF4757
4757
51
5
95
1500
0.25
5
38.8
90
SMF4758
4758
56
4.5
110
2000
0.25
5
42.6
80
SMF4759
4759
62
4
125
2000
0.25
5
47.1
70
SMF4760
4760
68
3.7
150
2000
0.25
5
51.7
65
SMF4761
4761
75
3.3
175
2000
0.25
5
56.0
60
SMF4762
4762
82
3.0
200
3000
0.25
5
62.2
55
SMF4763
4763
91
2.8
250
3000
0.25
5
69.2
50
SMF4764
4764
100
2.5
350
3000
0.25
5
76.0
45
备注:Notes:
(1) 基于直流测试热平衡状态 
Based on dc-measurement at thermal equilibrium
(2) 浪涌电流是不重复的,为8.3毫秒脉宽方形或等效正弦波叠加在I
ZT的每种JEDEC方法
Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per
JEDEC method


Similar Part No. - SMF4728

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMF4728 LEIDITECH-SMF4728 Datasheet
601Kb / 3P
   For surface mounted applications Voltage range 3.3V to 100V
logo
DAESAN ELECTRONIC CORP.
SMF4728 DAESAN-SMF4728 Datasheet
741Kb / 3P
   ZENER DIODE
SMF4728 DAESAN-SMF4728 Datasheet
426Kb / 2P
   ZENER DIODE
logo
Jiangsu High diode Semi...
SMF4728A HDSEMI-SMF4728A Datasheet
1Mb / 5P
   SOD-123FL Plastic-Encapsulate Diodes
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
More results

Similar Description - SMF4728

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com