Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS13A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SS13A
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SS13A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SS13A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SS13A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S118
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SS12A THRU SS120A
肖特基二极管 Schottky Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
1.0A
● VRRM
20V-200V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
SS
12A
SS
13A
SS
14A
SS
15A
SS
16A
SS
18A
SS
110A
SS
115A
SS
120A
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
20
30
40
50
60
80
100
150
200
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波60Hz,电阻负载,TL(Fig.1)
60HZ Half-sine wave, Resistance
load, TL(Fig.1)
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
30
结温
Junction
Temperature
TJ
-55~+125
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SS
12A
SS
13A
SS
14A
SS
15A
SS
16A
SS
18A
SS
110A
SS
115A
SS
120A
正向峰值电压
Peak Forward Voltage
V
F
V
I
F =1.0A
0.50
0.70
0.85
0.90
反向漏电流
Peak Reverse Current
I
RRM1
mA
VRM=VRRM
Ta =25℃
0.5
0.1
I
RRM2
Ta =100℃
10
5.0
热阻(典型)
Thermal
Resistance(Typical)
R
θJ-A
/W
结和环境之间
Between junction and ambient
88
1)
R
θJ-L
结和终端之间
Between junction and terminal
28
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.2" x 0.2" (5.0毫米 x 5.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
Dim ensions in inches and (millimeters)
DO-214AC(SM A)
.187(4.75)
.167(4.25)
.111(2.83)
.094(2.40)
.062(1.58)
.049(1.25)
.091(2.30)
.075(1.90)
.056(1.41)
.030(0.76)
.008(0.20)
.003(0.08)
.012(0.31)
.006(0.15)
0.077(1.96)
0.220
(5.58)
M ounting Pad Layout
0.065
(1.66)
0.080
(2.04)
.208(5.28)
.194(4.93)
COMPLIANT
RoHS


Similar Part No. - SS13A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS13A ETC2-SS13A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
HY ELECTRONIC CORP.
SS13A HY-SS13A Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
RFE international
SS13A RFE-SS13A Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
logo
Yangzhou yangjie electr...
SS13AQ YANGJIE-SS13AQ Datasheet
229Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SS13A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com