Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28E016MM2 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HB28E016MM2
Description  MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB28E016MM2 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HB28E016MM2 Datasheet HTML 1Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 2Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 3Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 4Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 5Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 6Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 7Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 8Page - Hitachi Semiconductor HB28E016MM2 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
HB28E016/D032/D064/B128MM2
3
Block Diagram
12
34
VPP
Generator
56
7
Internal clock
Interface
CID[127:0]
OCR[31:0]
Flash control
Core control
CSD[127:0]
RCA[15:0]
VCC
CS CMD/DI
DAT/DO
CLK/SCLK
Interface driver
Memory core
All units in these Hitachi MultiMediaCards are clocked by an internal clock generator. The Interface driver
unit synchronizes the DAT and CMD signals from external CLK to the internal used clock signal. The card
is controlled by the three line MultiMediaCard interface containing the signals: CMD, CLK, DAT (refer to
Chapter “Interfaces”). For the identification of the MultiMediaCard in a stack of MultiMediaCards, a card
identification register (CID) and a relative card address register (RCA) is foreseen. An additional register
contains different types of operation parameters. This register is called card specific data register (CSD).
The communication using the MultiMediaCard lines to access either the memory field or the registers is
defined by the MultiMediaCard standard (refer to Chapter “Communication”). The card has its own power
on detection unit. No additional master reset signal is required to setup the card after power on. It is
protected against short circuit during insertion and removal while the MultiMediaCard system is powered
up (refer to Chapter “Power Supply”). No external programming voltage supply is required. The
programming voltage is generated on card.
These Hitachi MultiMediaCards support a second interface operation mode the SPI interface mode. The
SPI mode is activated if the CS signal is asserted (negative) during the reception of the reset command
(CMD0) (refer to Chapter “SPI Communication”).


Similar Part No. - HB28E016MM2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28E016 HITACHI-HB28E016 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
More results

Similar Description - HB28E016MM2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com