Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9433 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9433
Description  Low-Voltage Dual SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9433 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9433 Datasheet HTML 1Page - Vishay Siliconix DG9433 Datasheet HTML 2Page - Vishay Siliconix DG9433 Datasheet HTML 3Page - Vishay Siliconix DG9433 Datasheet HTML 4Page - Vishay Siliconix DG9433 Datasheet HTML 5Page - Vishay Siliconix DG9433 Datasheet HTML 6Page - Vishay Siliconix DG9433 Datasheet HTML 7Page - Vishay Siliconix DG9433 Datasheet HTML 8Page - Vishay Siliconix DG9433 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG9432/9433/9434
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72311
S-31643—Rev. A, 01-Aug-03
SPECIFICATIONS (V+ = 5 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.4 or 1.8 Ve
Tempa
Minc
Typb
Maxc
Unit
Switch On Resistance
Analog Signal Rangee
VANALOG
Full
V-
V+
V
Drain-Source On-Resistance
r(on)
V+ = 4.5 V, ICOM = 1 mA,
VCOM = 2.5 or 3.5 V
Room
Full
39
60
70
W
rDS(on) Match
Dr(on)
V+ = 4.5 V, ICOM = 1 mA,VCOM = 3.5 V
Room
0.3
3.0
W
Switch Off Leakage Currentf
INC/NO(off)
Room
Full
-1
-10
0.3
1
10
Switch Off Leakage Currentf
ICOM(off)
V+ = 5 V, VCOM = 0.5 V, 4.5 V
VNC/NO = 4.5 V, 0.5 V
Room
Full
-1
-10
0.3
1
10
nA
Channel On Leakage Currentf
ICOM(on)
/
Room
Full
-1
10
0.3
1
10
Digital Control
Input, High Voltage
VINH
V+ Ranges 2 7 to 5 V
Full
1.8
V
Input, Low Voltage
VINL
V+ Ranges 2.7 to 5 V
Full
0.4
V
Input Current
IINH
-1
1
mA
Dynamic Characteristics
Break-Before-Maked,g
tOPEN
V
5 V R
300
W
Room
Full
1
Turn-OnTime
tON
V+ = 5 V, RL = 300 W
VNO = VNC = 3 V
CL = 35 pF, VIN = 0 V, 5 V
Room
Full
33
60
70
ns
Turn-OffTime
tOFF
CL = 35 pF, VIN = 0 V, 5 V
Room
Full
10
20
30
Charge Injectiond
Q
CL = 1 nF, RGEN = 0 W, Vg = 0 V
Room
0.56
pC
Off Isolationd
OIRR
CL = 5 pF, RL = 50 W, f = 1 MHz
Room
76
Off-Isolationd
OIRR
CL = 5 pF, RL = 50 W, f = 10 MHz, V+ = 5 V
Room
54
dB
Crosstalkd
XTALK
RL = 50 W, f = 1 MHz, V+ = 5 V
Room
96
Source Off Capacitanced
CNC/NO(off)
f = 1 MHz, VNO/NC = 0 V
Room
7.5
Drain Off Capacitanced
CCOM(off)
f = 1 MHz VCOM = 0 V
Room
7.8
pF
Drain On Capacitanced
CCOM(on)
f = 1 MHz, VCOM = 0 V
Room
22
p
Supply Current
I+
V+ = 5.5 V, VIN = 0 or V+
Room
-1
-1
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, not subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Guaranteed by 12-V leakage testing, not production tested.
g.
Applies to DG9434 only.


Similar Part No. - DG9433

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9433 VISHAY-DG9433 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9433 VISHAY-DG9433 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9433DQ-T1-E3 VISHAY-DG9433DQ-T1-E3 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9433DQ-T1-E3 VISHAY-DG9433DQ-T1-E3 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9433DS-T1-E3 VISHAY-DG9433DS-T1-E3 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
More results

Similar Description - DG9433

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com