Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF5929 Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # SMF5929
Description  Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMF5929 Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMF5929 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMF5929 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMF5929 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMF5929 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S481
Rev. 1.0, 23-Jun-15
www.21yangjie.com
SMF5913 THRU SMF5957
■Electrical Characteristics (TA=25
unless otherwise noted)
Type (Note1
Zener
voltage
V ZIZT
IZT
Z ZT IZT
( Note2 )
Z ZK IZK
(Note2 )
I ZK
IRVR
I ZM 50℃
( Note3 )
IR
VR
V
mA
Ω
Ω
mA
μ
A
V
mA
SMF5949
100
3.7
250
3100
0.25
1.0
76.0
15
SMF5950
110
3.4
300
4000
0.25
1.0
83.6
13
SMF5951
120
3.1
380
4500
0.25
1.0
91.2
12
SMF5952
130
2.9
450
5000
0.25
1.0
98.8
11
SMF5953
150
2.5
600
6000
0.25
1.0
114.0
10
SMF5954
160
2.3
700
6500
0.25
1.0
121.6
9.0
SMF5955
180
2.1
900
7000
0.25
1.0
136.8
8.0
SMF5956
200
1.9
1200
8000
0.25
1.0
152.0
7.0
SMF5957
240
1.5
1600
9000
0.25
1.0
182.4
6.0
Notes :
1. Zener Tolerance: ±10% .
2. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.。
3. The max zener current is not absolute , Please confirm that the product of the voltage and current should not exceed the rated Power
dissipation in actual zener application.


Similar Part No. - SMF5929

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SMF59 HDSEMI-SMF59 Datasheet
2Mb / 6P
   SOD-123FL Plastic-Encapsulate Diodes
More results

Similar Description - SMF5929

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com