Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE16CA Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # P4KE16CA
Description  Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

P4KE16CA Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  P4KE16CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd P4KE16CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P4KE SERIES
Transient Voltage Suppressor Diodes
Features
● Excellent clamping capability
● Low dynamic impedance
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Mechanical Data
Package: DO-204AL(DO-41)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity:Color band denotes cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
Max
Peak power dissipation, with a 10/1000us waveform
1
P
PPM
W
400
Peak pulse current, with a 10/1000us waveform
1
I
PPM
A
See Next Table
Power dissipation, on infinite heat sink at TL=75℃
P
D
W
1.5
Peak forward surge current, 8.3 ms single half sine-wave unidirectional only
2
I
FSM
A
40
Operating junction and storage temperature range
T
J ,TSTG
-55 to +150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
VALUE
Maximum instantaneous forward voltage at 25A for unidirectional only
3
V
FM
V
3.5/5.0
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Thermal Resistance(Typical)
Rθ
J -A
℃/W
Junction to ambient
100
RθJ-L
℃/W
Junction to lead
66
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above T
A = 25
℃p
er Fig.2.
(2) Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
(3) VF=3.5V Max for devices of VBR≤220v,and VF=5.0v Max for devices of VBR>220v.
■Ordering Information (Example)
PREFERED P/N
PACKAGE CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
P4KE SERIES
D1
Approximate 0.30
5000
5000
50000
Tape
P4KE SERIES
C1
Approximate 0.30
1000
1000
50000
Bulk
COMPLIANT
RoHS
1 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A119
Rev. 2.0, 28-Apr-14
www.21yangjie.com


Similar Part No. - P4KE16CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE16CA SECOS-P4KE16CA Datasheet
334Kb / 3P
   400 Peak Power
logo
Pan Jit International I...
P4KE16CA PANJIT-P4KE16CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
RFE international
P4KE16CA RFE-P4KE16CA Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
CHENG-YI ELECTRONIC CO....
P4KE16CA CHENG-YI-P4KE16CA Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE16CA LUGUANG-P4KE16CA Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE16CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com