Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB350A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # P6SMB350A
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

P6SMB350A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  P6SMB350A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd P6SMB350A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd P6SMB350A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd P6SMB350A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S155
Rev. 1.2, 13-Oct-14
www.21yangjie.com
P6SMB SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
产品型号
(单向)
Part Number
(Uni)
产品型号
(双向)
Part Number
(Bi)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电
IT
(1)(mA)
P6SMB200A
P6SMB200CA
190.00
210.00
1
5
171.0
2.2
274.0
P6SMB220A
P6SMB220CA
209.00
231.00
1
5
185.0
1.8
328.0
P6SMB250A
P6SMB250CA
237.50
262.50
1
5
214.0
1.7
344.0
P6SMB300A
P6SMB300CA
285.00
315.00
1
5
256.0
1.4
414.0
P6SMB350A
P6SMB350CA
332.50
367.50
1
5
299.3
1.2
482.0
P6SMB380A
P6SMB380CA
361.00
399.00
1
5
324.9
1.1
524.4
P6SMB400A
P6SMB400CA
380.00
420.00
1
5
342.0
1.1
548.0
P6SMB440A
P6SMB440CA
418.00
462.00
1
5
376.2
1.0
607.2
P6SMB500A
P6SMB500CA
475.00
525.00
1
5
427.5
0.8
690.0
P6SMB520A
P6SMB520CA
494.00
546.00
1
5
444.6
0.8
717.6
P6SMB550A
P6SMB550CA
522.50
577.50
1
5
470.3
0.8
759.0
P6SMB600A
P6SMB600CA
570.00
630.00
1
5
513.0
0.7
828.0
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled


Similar Part No. - P6SMB350A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB350A WEITRON-P6SMB350A Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Shanghai Semitech Semic...
P6SMB350A SEMITECH-P6SMB350A Datasheet
479Kb / 5P
   Excellent clamping capability
logo
Vishay Siliconix
P6SMB350A VISHAY-P6SMB350A Datasheet
104Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Nantong Hornby Electron...
P6SMB350A HORNBY-P6SMB350A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
P6SMB350A VISHAY-P6SMB350A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB350A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com