Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE27A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # P4KE27A
Description  Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

P4KE27A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  P4KE27A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd P4KE27A Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P4KE SERIES
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage
VBR@IT
Maximum
Reverse
Leakage IR
@ VWM
(μA)
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Min
(V)
Max
(V)
IT
(mA)
P4KE200
P4KE200C
180
220
1.0
5.0
162.0
1.40
287.0
P4KE200A
P4KE200CA
190
210
1.0
5.0
171.0
1.50
274.0
P4KE220
P4KE220C
198
242
1.0
5.0
175.0
1.20
344.0
P4KE220A
P4KE220CA
209
231
1.0
5.0
185.0
1.20
328.0
P4KE250
P4KE250C
225
275
1.0
5.0
202.0
1.10
360.0
P4KE250A
P4KE250CA
237
263
1.0
5.0
214.0
1.20
344.0
P4KE300
P4KE300C
270
330
1.0
5.0
243.0
0.93
430.0
P4KE300A
P4KE300CA
285
315
1.0
5.0
256.0
1.00
414.0
P4KE350
P4KE350C
315
385
1.0
5.0
284.0
0.79
505.0
P4KE350A
P4KE350CA
333
368
1.0
5.0
300.0
0.83
482.0
P4KE400
P4KE400C
360
440
1.0
5.0
324.0
0.70
574.0
P4KE400A
P4KE400CA
380
420
1.0
5.0
342.0
0.73
548.0
P4KE440
P4KE440C
396
484
1.0
5.0
356.0
0.63
631.0
P4KE440A
P4KE440CA
418
462
1.0
5.0
376.0
0.66
602.0
P4KE500
P4KE500
450
550
1.0
5.0
406.0
0.56
720.0
P4KE500A
P4KE500CA
475
525
1.0
5.0
427.5
0.58
690.0
P4KE520
P4KE520
468
572
1.0
5.0
422.2
0.53
748.8
P4KE520A
P4KE520CA
494
546
1.0
5.0
444.6
0.56
717.6
P4KE550
P4KE550
495
605
1.0
5.0
446.6
0.51
792.0
P4KE550A
P4KE550CA
523
577
1.0
5.0
470.3
0.53
759.0
P4KE600
P4KE600
540
660
1.0
5.0
487.2
0.46
864.0
P4KE600A
P4KE600CA
570
630
1.0
5.0
513.0
0.48
828.0
Note:
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
4 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A119
Rev. 2.0, 28-Apr-14
www.21yangjie.com


Similar Part No. - P4KE27A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE27A PANJIT-P4KE27A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE27A ZOWIE-P4KE27A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE27A SY-P4KE27A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE27A RFE-P4KE27A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Diotec Semiconductor
P4KE27A DIOTEC-P4KE27A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE27A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com