Electronic Components Datasheet Search |
|
P4KE36C Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
P4KE36C Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 7 page P4KE SERIES Transient Voltage Suppressor Diodes Features ● Excellent clamping capability ● Low dynamic impedance ● Solder dip 275 °C max. 7 s, per JESD 22-B106 Mechanical Data ● Package: DO-204AL(DO-41) Molding compound meets UL 94 V-0 flammability rating, RoHS-compliant ● Terminals: Tin plated leads, solderable per J-STD- 002 and JESD22-B102 ● Polarity:Color band denotes cathode end ■Maximum Ratings (Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT Max Peak power dissipation, with a 10/1000us waveform ( 1) P PPM W 400 Peak pulse current, with a 10/1000us waveform ( 1) I PPM A See Next Table Power dissipation, on infinite heat sink at TL=75℃ P D W 1.5 Peak forward surge current, 8.3 ms single half sine-wave unidirectional only ( 2) I FSM A 40 Operating junction and storage temperature range T J ,TSTG ℃ -55 to +150 ■Electrical Characteristics(Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT VALUE Maximum instantaneous forward voltage at 25A for unidirectional only ( 3) V FM V 3.5/5.0 ■Thermal Characteristics (Ta=25℃ Unless otherwise specified) PARAMETER SYMBOL UNIT Conditions VALUE Thermal Resistance(Typical) Rθ J -A ℃/W Junction to ambient 100 RθJ-L ℃/W Junction to lead 66 Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above T A = 25 ℃p er Fig.2. (2) Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum. (3) VF=3.5V Max for devices of VBR≤220v,and VF=5.0v Max for devices of VBR>220v. ■Ordering Information (Example) PREFERED P/N PACKAGE CODE UNIT WEIGHT(g) MINIMUM PACKAGE(pcs) INNER BOX QUANTITY(pcs) OUTER CARTON QUANTITY(pcs) DELIVERY MODE P4KE SERIES D1 Approximate 0.30 5000 5000 50000 Tape P4KE SERIES C1 Approximate 0.30 1000 1000 50000 Bulk COMPLIANT RoHS 1 / 7 Yangzhou Yangjie Electronic Technology Co., Ltd. S-A119 Rev. 2.0, 28-Apr-14 www.21yangjie.com |
Similar Part No. - P4KE36C |
|
Similar Description - P4KE36C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |