Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA15CA Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SA15CA
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA15CA Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SA15CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA15CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA15CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA15CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SA15CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A143
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SA SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
(单向)
Part
Number(U
ni)
产品型号
(双向)
Part
Number(Bi)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
最小
Min(V)
最大
Max (V)
测试电流
IT(mA)
SA75A
SA75CA
83.3
92.1
1.0
5.0
75
4.1
121
91
SA78
SA78C
86.7
106
1.0
5.0
78
3.6
139
105
SA78A
SA78CA
86.7
95.8
1.0
5.0
78
4.0
126
95
SA85
SA85C
94.4
115
1.0
5.0
85
3.3
151
114
SA85A
SA85CA
94.4
104
1.0
5.0
85
3.6
137
103
SA90
SA90C
100
122
1.0
5.0
90
3.1
160
121
SA90A
SA90CA
100
111
1.0
5.0
90
3.4
146
110
SA100
SA100C
111
136
1.0
5.0
100
2.8
179
135
SA100A
SA100CA
111
123
1.0
5.0
100
3.1
162
123
SA110
SA110C
122
149
1.0
5.0
110
2.6
196
148
SA110A
SA110CA
122
135
1.0
5.0
110
2.8
177
133
SA120
SA120C
133
163
1.0
5.0
120
2.3
214
162
SA120A
SA120CA
133
147
1.0
5.0
120
2.6
193
146
SA130
SA130C
144
176
1.0
5.0
130
2.2
230
175
SA130A
SA130CA
144
159
1.0
5.0
130
2.4
209
158
SA140
SA140C
155.68
190.4
1.0
5.0
140.0
2.0
250.6
188
SA140A
SA140CA
155
171
1.0
5.0
140.0
2.20
226.8
170
SA150
SA150C
167
204
1.0
5.0
150
1.9
268
203
SA150A
SA150CA
167
185
1.0
5.0
150
2.1
243
184
SA160
SA160C
178
218
1.0
5.0
160
1.7
257
217
SA160A
SA160CA
178
197
1.0
5.0
160
1.9
259
196
SA170
SA170C
189
231
1.0
5.0
170
1.6
304
230
SA170A
SA170CA
189
209
1.0
5.0
170
1.8
275
208
SA180
SA180C
200.16
244.80
1.0
5.0
180.0
1.55
322.2
244
SA180A
SA180CA
200.0
220.0
1.0
5.0
180.0
1.71
291.6
221
SA190
SA190C
211.28
258.40
1.0
5.0
190.0
1.47
340.1
258
SA190A
SA190CA
211.0
232.0
1.0
5.0
190.0
1.62
307.8
234


Similar Part No. - SA15CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA15CA PANJIT-SA15CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Littelfuse
SA15CA LITTELFUSE-SA15CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Chongqing Pingwei Enter...
SA15CA CHONGQING-SA15CA Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA15CA WTE-SA15CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA15CA LUGUANG-SA15CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results

Similar Description - SA15CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com