Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55B3V9 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM55B3V9
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM55B3V9 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  ZMM55B3V9 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM55B3V9 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM55B3V9 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM55B3V9 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd ZMM55B3V9 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number S-S308
Rev. 1.1, 08-Jan-15
www.21yangjie.com
ZMM55 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
ZMM55C..
产品型号
Part Number
齐纳电压范围
Zener voltage
range
动态电阻
Dynamic resistance
测试电流
Test current
温度系数
Temperature
Coefficient
测试电流
Test current
反向漏电流
Reverse leakage current
VZ at IZT
RZJT at IZT
RZJK at IZT
IZT
TKVZ
IZK
IR
IR
1)
at VR
V
mA
%/K
mA
μA
V
Min.
Max.
Min.
Max.
ZMM55C2V0
1.9
2.1
< 100
< 600
5
- 0.09
- 0.06
1
< 150
< 300
1
ZMM55C2V4
2.28
2.56
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
ZMM55C2V7
2.5
2.9
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
ZMM55C3V0
2.8
3.2
< 85
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
ZMM55C3V3
3.1
3.5
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55C3V6
3.4
3.8
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55C3V9
3.7
4.1
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
ZMM55C4V3
4
4.6
< 75
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
ZMM55C4V7
4.4
5
< 60
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
ZMM55C5V1
4.8
5.4
< 35
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
ZMM55C5V6
5.2
6
< 25
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
ZMM55C6V2
5.8
6.6
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
ZMM55C6V8
6.4
7.2
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
ZMM55C7V5
7
7.9
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
ZMM55C8V2
7.7
8.7
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
ZMM55C9V1
8.5
9.6
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
ZMM55C10
9.4
10.6
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
ZMM55C11
10.4
11.6
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
ZMM55C12
11.4
12.7
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
ZMM55C13
12.4
14.1
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
ZMM55C15
13.8
15.6
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
ZMM55C16
15.3
17.1
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
ZMM55C18
16.8
19.1
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
ZMM55C20
18.8
21.2
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
ZMM55C22
20.8
23.3
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
ZMM55C24
22.8
25.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
ZMM55C27
25.1
28.9
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
ZMM55C30
28
32
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
ZMM55C33
31
35
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
ZMM55C36
34
38
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
ZMM55C39
37
41
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
ZMM55C43
40
46
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
ZMM55C47
44
50
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
ZMM55C51
48
54
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
ZMM55C56
52
60
<
135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
ZMM55C62
58
66
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
ZMM55C68
64
72
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
ZMM55C75
70
79
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56
备注:Notes:
额外的测量,电压档
ZMM55C9V1至ZMM55C75,其漏电流IR在95%Vzmin≤35nA,在Tj =25℃。
Additional measurement of voltage group ZMM55C9V1 to ZMM55C75,IR at 95% VZmin ≤35nA at Tj=25℃
1) Tj=150℃


Similar Part No. - ZMM55B3V9

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZMM55B FORMOSA-ZMM55B Datasheet
140Kb / 5P
   Zener diode
More results

Similar Description - ZMM55B3V9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com