Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE95 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95 Datasheet(HTML) 4 Page - NXP Semiconductors

  SE95 Datasheet HTML 1Page - NXP Semiconductors SE95 Datasheet HTML 2Page - NXP Semiconductors SE95 Datasheet HTML 3Page - NXP Semiconductors SE95 Datasheet HTML 4Page - NXP Semiconductors SE95 Datasheet HTML 5Page - NXP Semiconductors SE95 Datasheet HTML 6Page - NXP Semiconductors SE95 Datasheet HTML 7Page - NXP Semiconductors SE95 Datasheet HTML 8Page - NXP Semiconductors SE95 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
2004 Dec 21
4
TYPICAL APPLICATION CIRCUIT
8
2
SCL
1
SDA
3
SE95
OS
5
A2
6
A1
7
A0
4
GND
I2C-BUS
VCC POWER SUPPLY
BUS
PULL-UP
RESISTORS
DIGITAL LOGIC OR
TIE TO VCC/GND
0.1
µF
10 k
VCC
DETECTOR OR
INTERRUPT LINE
SL01883
Figure 3. Typical application circuit
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC to GND
–0.3
6.0
V
Voltage at inputs SCL and SDA
–0.3
6.0
V
Voltage at inputs A0, A1, A2
–3.0
VCC + 0.3
V
Current at input pins
–5.0
5.0
mA
OS output sink current
10.0
mA
OS output voltage
–0.3
6.0
V
Vesd
Human Body Model
1000
V
Machine Model
150
V
Tstg
Storage temperature range
–65
150
°C
Tj
Junction temperature
150
°C
NOTE:
1. This is a stress rating only. Functional operation of the device as indicated in the operational section is not applied to this absolute maximum
rating. Stresses above those listed in ‘Absolute Maximum Ratings’ may cause permanent damage to the device and exposure to any of
these rating conditions for extended periods may affect device reliability.
OPERATING RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage
2.8
5.5
V
Tamb
Operating ambient temperature range
–55
125
°C


Similar Part No. - SE95

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE95 NXP-SE95 Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
SE95 NXP-SE95 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SE95D NXP-SE95D Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
SE95DP NXP-SE95DP Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
SE95U NXP-SE95U Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
More results

Similar Description - SE95

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE95 NXP-SE95 Datasheet
158Kb / 27P
   Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G752 GMT-G752 Datasheet
50Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com