Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ45A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SMBJ45A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ45A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMBJ45A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ45A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ45A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ45A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ45A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S103
Rev. 1.3, 28-Apr-14
www.21yangjie.com
SMBJ SERIES
■电性参数 (TA =25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
产品型号
(单向)
Part Number
(Uni)
产品型号
(双向)
Part Number
(Bi)
击穿电压 VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
流 IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流 IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
SMBJ85
SMBJ85C
94.40
115.00
1.0
5.0
85.0
4.0
151.0
SMBJ85A
SMBJ85CA
94.40
104.00
1.0
5.0
85.0
4.4
137.0
SMBJ90
SMBJ90C
100.00
122.00
1.0
5.0
90.0
3.7
160.0
SMBJ90A
SMBJ90CA
100.00
111.00
1.0
5.0
90.0
4.1
146.0
SMBJ100
SMBJ100C
111.00
136.00
1.0
5.0
100.0
3.3
179.0
SMBJ100A
SMBJ100CA
111.00
123.00
1.0
5.0
100.0
3.7
162.0
SMBJ110
SMBJ110C
122.00
149.00
1.0
5.0
110.0
3.1
196.0
SMBJ110A
SMBJ110CA
122.00
135.00
1.0
5.0
110.0
3.4
177.0
SMBJ120
SMBJ120C
133.00
163.00
1.0
5.0
120.0
2.8
214.0
SMBJ120A
SMBJ120CA
133.00
147.00
1.0
5.0
120.0
3.1
193.0
SMBJ130
SMBJ130CA
144.00
176.00
1.0
5.0
130.0
2.6
231.0
SMBJ130A
SMBJ130CA
144.00
159.00
1.0
5.0
130.0
2.9
209.0
SMBJ140
SMBJ140C
155.70
190.40
1.0
5.0
140.0
2.4
250.6
SMBJ140A
SMBJ140CA
155.00
171.00
1.0
5.0
140.0
2.6
226.8
SMBJ150
SMBJ150C
167.00
204.00
1.0
5.0
150.0
2.2
268.0
SMBJ150A
SMBJ150CA
167.00
185.00
1.0
5.0
150.0
2.5
243.0
SMBJ160
SMBJ160C
178.00
218.00
1.0
5.0
160.0
2.1
287.0
SMBJ160A
SMBJ160CA
178.00
197.00
1.0
5.0
160.0
2.3
259.0
SMBJ170
SMBJ170C
189.00
231.00
1.0
5.0
170.0
2.0
304.0
SMBJ170A
SMBJ170CA
189.00
209.00
1.0
5.0
170.0
2.2
275.0
SMBJ180
SMBJ180C
200.20
244.80
1.0
5.0
180.0
1.8
322.2
SMBJ180A
SMBJ180CA
200.00
220.00
1.0
5.0
180.0
2.1
291.6
SMBJ190
SMBJ190C
211.30
258.40
1.0
5.0
190.0
1.7
340.1
SMBJ190A
SMBJ190CA
211.00
232.00
1.0
5.0
190.0
1.9
307.8
SMBJ200A
SMBJ200CA
224.00
247.00
1.0
5.0
200.0
1.8
324.0
SMBJ220A
SMBJ220CA
246.00
272.00
1.0
5.0
220.0
1.7
356.0
SMBJ250A
SMBJ250CA
279.00
309.00
1.0
5.0
250.0
1.5
405.0
SMBJ300A
SMBJ300CA
335.00
371.00
1.0
5.0
300.0
1.2
486.0
SMBJ350A
SMBJ350CA
391.00
432.00
1.0
5.0
350.0
1.0
567.0
SMBJ400A
SMBJ400CA
447.00
494.00
1.0
5.0
400.0
0.9
648.0
SMBJ440A
SMBJ440CA
492.00
543.00
1.0
5.0
440.0
0.8
713.0
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) 对于双向SMBJ5.0CA,VBR最大值为7.25V
For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25 V


Similar Part No. - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ45A LITTELFUSE-SMBJ45A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Bourns Electronic Solut...
SMBJ45A BOURNS-SMBJ45A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
SAMYANG ELECTRONICS CO....
SMBJ45A SAMYANG-SMBJ45A Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
logo
Jinan Gude Electronic D...
SMBJ45A JGD-SMBJ45A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ45A SOCAY-SMBJ45A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com