Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSN-3000F Datasheet(PDF) 1 Page - Maxwell Technologies

Part # HSN-3000F
Description  Nuclear Event Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

HSN-3000F Datasheet(HTML) 1 Page - Maxwell Technologies

  HSN-3000F Datasheet HTML 1Page - Maxwell Technologies HSN-3000F Datasheet HTML 2Page - Maxwell Technologies HSN-3000F Datasheet HTML 3Page - Maxwell Technologies HSN-3000F Datasheet HTML 4Page - Maxwell Technologies HSN-3000F Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Nuclear Event Detector
HSN-3000
©2005 Maxwell Technologies
All rights reserved.
01.07.05 Rev 3
FEATURES:
Detects ionizing radiation pulses
100% tested/certified detection threshold level
Adjustable circumvention period
Flag remembers event occurred
100% testable with built-in test
Detection threshold adjustability
Single +5V operation
Radiation hardness guaranteed
Compliant to MIL-PRF-38534 Class H1
Flat pack (F) or DIP (L) packages
RADIATION HARDNESS
CHARACTERISTICS:
Dose Rate (operate-through): 1 x 1012 rad(Si)/sec
Total Dose: 1 x 106 rad(Si)
Neutron Fluence: 5 x 1013 n/cm2
Approximate Detection Range: 2 x 105 - 2 x 107 rad(Si)/sec
Maxwell Technologies Specified, Controlled, Tested and
Guaranteed
DESCRIPTION:
Maxwell Technologies’ HSN-3000 radiation-hardened Hybrid
Nuclear Event Detector (NED) senses ionizing radiation pulses
generated by a nuclear event, such as the detonation of a nuclear
weapon, and rapidly switches its outputs from the normal high
state to a low state with a propagation delay time of less than
20ns. The active low Nuclear Event Detection signal (NED) is
used to initiate a wide variety of circumvention functions, thus
preventing upset and burnout of electronic components. The NED
output is also used to initiate both hardware and software recov-
ery. The Nuclear Evet Flag signal (NEF) remembers the event
occurred and is used to distinguish between an actual event and
power up. The signal input of either Flag Reset or Flag Reset can
be used to reset the NEF output. This high-speed, 14-pin hybrid
detector is used in electronic systems as a general-purpose cir-
cumvention device to protect memory, stop data processing, and
drive power supply switches as well as signal clamps.
The HSN-3000 is guaranteed to operate through three critical
environments: ionizing dose rate [1012 rad(Si)/s], gamma total
dose [106 rad(Si)], and neutron fluence [5 x 1013 n/cm2]. In addi-
tion, the device is designed to function throughout the transient
neutron pulse. The hybrid’s discrete design ensures a controlled
response in these radiation environments as well as immunity to
latchup. Each HSN-3000’s detection level and functionality are
tested in an ionizing dose rate environment. A certificate is pro-
vided with each serialized hybrid, reporting the radiation test
results and guaranteeing its performance. The device is also lot
qualified in the total dose and neutron environments to ensure
performance.
The detection threshold of the HSN-3000 is adjustable within the
range of 2 x 105 rad(Si)/s to 2 x 107 rad(Si)/s. This detection level
can be preset by Maxwell or adjusted by the user. Less than a
30% variation in detection threshold can be expected over the
entire operating temperature range.
1.
Manufactured for Maxwell Technologies by Teledyne Microelectronic
Technologies to MIL-PRF-38534, Class H, No RHA
Detector
(Pin Diode)
Amplifier
Pulse Timer
LED
Logic
Latch
12
4
5
7
6
8
9
14
1
2
13
11
V
H
V
L
Threshold
Adjust
V
B
BIT
GND
CRC
Flag
Reset
Flag
Reset
NEF
NED
10 k
10 k
Logic Diagram


Similar Part No. - HSN-3000F

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HSN-300 MEANWELL-HSN-300 Datasheet
146Kb / 3P
   300W Single Output Switching Power Supply
More results

Similar Description - HSN-3000F

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
HSN500 MAXWELL-HSN500 Datasheet
166Kb / 4P
   Nuclear Event Detector
HSN2000 MAXWELL-HSN2000 Datasheet
167Kb / 4P
   Nuclear Event Detector
HSN3000 MAXWELL-HSN3000 Datasheet
172Kb / 5P
   Nuclear Event Detector
HSN-1000 MAXWELL-HSN-1000 Datasheet
161Kb / 4P
   Nuclear Event Detector
HSN1000 MAXWELL-HSN1000 Datasheet
167Kb / 4P
   Nuclear Event Detector
HSN-2000 MAXWELL-HSN-2000 Datasheet
161Kb / 4P
   Nuclear Event Detector
HSN-500 MAXWELL-HSN-500 Datasheet
161Kb / 4P
   Nuclear Event Detector
logo
Microsemi Corporation
GA100 MICROSEMI-GA100 Datasheet
202Kb / 4P
   SCRs Nuclear Radiation Resistant, Planar
logo
Keysight Technologies
N5415B KEYSIGHT-N5415B Datasheet
4Mb / 12P
   InfiniiScan Event Identification Software
logo
Maxim Integrated Produc...
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com