Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ50x34 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SQ50x34
Description  Green DPSS Line Laser Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SQ50x34 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SQ50x34 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SQ50x34 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SQ50x34 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
CW532-030L
• Green DPSS Line Laser Module
• 532 nm, 30 mW
• 60° Fan Angle
• Automatic Power Control
• 3 VDC Input Voltage
• IR Filter
* Fan angles of 45° and 120° are available on request
Description
CW532-030L is a compact size diode pumped solid state (DPSS) Nd:YVO4+KTP laser module with a 60° line generating lens,
emitting at a wavelength of 532 nm, and an optical output power of 30 mW. It features automatic power control (APC) driving
electronics for stable operation, an IR filter to block residue IR radiation, and is designed for 3 VDC supply voltage. CW532-030L
comes equipped with a coaxial power connector. A matching power supply and suitable heat sink is optionally available for quick
setup and convenient operation (see page 3 for details).
Maximum Ratings (TCASE = 25°C)
Parameter
Values
Unit
Min.
Max.
Operating temperature
+ 15
+ 30
°C
Storage temperature
- 20
+ 80
°C
Electro-Optical Characteristics (TCASE= 25°C)
Parameter
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
531
532
533
nm
Radiated Power
30
mW
Beam diameter at aperture
1.5
mm
Beam divergence
1.2
mrad
Fan angle*
60
°
Transverse mode
TEM00
Warm up time
< 3
s
Operating Current
350
mA
Supply Voltage
2.2
3
3.2
VDC
Body
brass
Collimating lens
acryl
Line generating lens
2
cylinder lens, glass
Dimensions
Ø 12 x 40 (58)
mm
Connector
IEC 60130-10, Type A, 5.5/2.1 mm
MTTF
3000
h
rev.2.0 18.11.15


Similar Part No. - SQ50x34

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SQ50X34 ROITHNER-SQ50X34 Datasheet
68Kb / 1P
   Heat Sink for DPSS Laser Modules
SQ50x34 ROITHNER-SQ50x34 Datasheet
550Kb / 3P
   Green DPSS Laser Module
SQ50x34 ROITHNER-SQ50x34 Datasheet
550Kb / 3P
   Green DPSS Laser Module
SQ50x34 ROITHNER-SQ50x34 Datasheet
550Kb / 3P
   Green DPSS Laser Module
SQ50x34 ROITHNER-SQ50x34 Datasheet
494Kb / 3P
   Green DPSS Laser Module
More results

Similar Description - SQ50x34

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW532-1-833L ROITHNER-CW532-1-833L Datasheet
430Kb / 3P
   Green DPSS Line Laser Module
CW532-100L ROITHNER-CW532-100L Datasheet
562Kb / 3P
   Green DPSS Line Laser Module
CW532-5-833L ROITHNER-CW532-5-833L Datasheet
443Kb / 3P
   Green DPSS Line Laser Module
CW532HT-5 ROITHNER-CW532HT-5 Datasheet
639Kb / 3P
   Green DPSS Laser Module
CW532-030 ROITHNER-CW532-030 Datasheet
550Kb / 3P
   Green DPSS Laser Module
CW532-001 ROITHNER-CW532-001 Datasheet
481Kb / 3P
   Green DPSS Laser Module
CW532-001F ROITHNER-CW532-001F Datasheet
480Kb / 3P
   Green DPSS Laser Module
CW532-1-831 ROITHNER-CW532-1-831 Datasheet
449Kb / 3P
   Green DPSS Laser Module
CW532HT-1 ROITHNER-CW532HT-1 Datasheet
631Kb / 3P
   Green DPSS Laser Module
CW532-010F ROITHNER-CW532-010F Datasheet
543Kb / 3P
   Green DPSS Laser Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com