Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G081PU1750M Datasheet(PDF) 9 Page - Roithner LaserTechnik GmbH

Part # G081PU1750M
Description  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU1750M Datasheet(HTML) 9 Page - Roithner LaserTechnik GmbH

Back Button G081PU1750M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 9Page - Roithner LaserTechnik GmbH G081PU1750M Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
02.04.2012
Manual G081PU Series
9 of 10
b)
 When laser is working, please don’t point it straight to the fiber as shown below the
yellow part, in order to prevent the fiber protection case from being damaged by high-
power laser generated heat.
 Bending diameter of the fiber cannot be allowed to be less than 4cm. When bending
the fiber, please make sure the starting point is away larger than 4cm from the fiber
root. When moving the laser, please don`t directly use fiber (yellow part). Not obeying
these rules may cause fracture of the laser fiber from the root.
 Make sure that the module and the fiber are in the same plane.
Short-circuit
bridge
Bending diameter D:
D≥4cm
Fiber root
Fiber protection case


Similar Part No. - G081PU1750M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

Similar Description - G081PU1750M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com