Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3237ECA Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL3237ECA
Description  -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3237ECA Datasheet(HTML) 3 Page - Intersil Corporation

  ICL3237ECA Datasheet HTML 1Page - Intersil Corporation ICL3237ECA Datasheet HTML 2Page - Intersil Corporation ICL3237ECA Datasheet HTML 3Page - Intersil Corporation ICL3237ECA Datasheet HTML 4Page - Intersil Corporation ICL3237ECA Datasheet HTML 5Page - Intersil Corporation ICL3237ECA Datasheet HTML 6Page - Intersil Corporation ICL3237ECA Datasheet HTML 7Page - Intersil Corporation ICL3237ECA Datasheet HTML 8Page - Intersil Corporation ICL3237ECA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical Operating Circuit
ICL3237E
NOTES:
3. THE NEGATIVE TERMINAL OF C3 CAN BE CONNECTED TO EITHER VCC OR GND.
4. FOR VCC = 3.15V (3.3V -5%), USE C1 - C4 = 0.1µF OR GREATER. FOR VCC = 3.0V (3.3V -10%), USE C1 - C4 = 0.22µF.
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
24
23
5
6
22
7
28
25
27
4
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
1
3
R1OUT
R1IN
8
5k
R2OUT
R2IN
9
20
5k
R3OUT
R3IN
11
18
5k
21
R1OUTB
C1
C2
+
C3
C4
EN
SHDN
13
GND
14
+3.3V
+
0.1
µF
16
2
VCC
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
15
MBAUD
TO CONTROL LOGIC
C3 (OPTIONAL CONNECTION, NOTE 3)
T4OUT
T5OUT
T4IN
T5IN
T4
T5
19
10
17
12
NOTE 4
NOTE 4
ICL3237E


Similar Part No. - ICL3237ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237ECA RENESAS-ICL3237ECA Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ICL3237ECAZ RENESAS-ICL3237ECAZ Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3237ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com