Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-107BPA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICM-107BPA
Description  ICM107B Mega pixel Color CMOS image sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM-107BPA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICM-107BPA Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICM107B Mega pixel CMOS sensor
Data sheet Version 0.5, January 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/29/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 6
Confidential
2. Functional Description
ICM-107B is a single-chip digital color imaging device. It includes a 1152x864 sensor array, 1152
column-level ADC, and correlated double sampling circuitry. All the programmable parameters are set by
writing into the SIF interface which can address the register file consisting of 8-bit registers. The output
format is 10-bit raw data, together with horizontal and vertical sync signals.
SIF
Interface
Sensor Array
1152 x 864
Column-Level
ADC
Timing & Function
Control
Correlated
Double
Sampling
Individual
RGB gain control
RGB Bayer Pattern
Output Control
Figure 1. Block diagram
2.1 Image Array
The image array consists of 1152x864 pixels. Each pixel has a light sensitive photo diode and a set of
control transistors. At the beginning of the cycle, a row of pixels is pre-charged to its maximum value.
Then the row is exposed to light for several lines worth of time and sampled by the ADC. A “Correlated
Double Sampling (CDS)” process is performed with subtracting the reset value (sampled right before
sampling the signal) from the signal value. The purpose of CDS is to eliminate the point-wise fixed pattern
noise (FPN). The output of CDS is approximately proportional to the amount of received light, ranging
from 0 to 1023.


Similar Part No. - ICM-107BPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-102ASA ETC1-ICM-102ASA Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM-105BSA ETC1-ICM-105BSA Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM-105BTA ETC1-ICM-105BTA Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM-108BPA ETC1-ICM-108BPA Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM-107BPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
List of Unclassifed Man...
ICM515NB ETC1-ICM515NB Datasheet
440Kb / 25P
   Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com