Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3237EIA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3237EIA
Description  -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3237EIA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3237EIA Datasheet HTML 1Page - Intersil Corporation ICL3237EIA Datasheet HTML 2Page - Intersil Corporation ICL3237EIA Datasheet HTML 3Page - Intersil Corporation ICL3237EIA Datasheet HTML 4Page - Intersil Corporation ICL3237EIA Datasheet HTML 5Page - Intersil Corporation ICL3237EIA Datasheet HTML 6Page - Intersil Corporation ICL3237EIA Datasheet HTML 7Page - Intersil Corporation ICL3237EIA Datasheet HTML 8Page - Intersil Corporation ICL3237EIA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6014.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ICL3237E
±15kV ESD Protected, 10nA Supply-
Current, +3V to +5.5V, 250k/1Mbps,
RS-232 Transmitters/Receivers
The Intersil ICL3237E contains 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Additionally, it
provides ±15kV ESD protection (IEC61000-4-2 Air Gap and
Human Body Model) on transmitter outputs and receiver
inputs (RS-232 pins). Targeted applications are cell phones,
PDAs, Palmtops, and notebook and laptop computers where
the low operational, and even lower standby, power
consumption is critical. Efficient on-chip charge pumps,
coupled with the manual powerdown function, reduce the
standby supply current to a 10nA trickle. Small footprint
packaging, and the use of small, low value capacitors ensure
board space savings as well. Data rates greater than 1Mbps
(MBAUD = VCC) are guaranteed at worst case load
conditions. The ICL3237E is fully compatible with 3.3V only
systems, mixed 3.3V and 5.0V systems, and 5.0V only
systems.
The ICL3237E is a 5 driver, 3 receiver device that also
includes a noninverting always-active receiver for “wake-up”
capability.
Table 1 summarizes the features of the device represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the
ICL32XX 3V family.
Features
• ESD Protection For RS-232 I/O Pins to ±15kV (IEC61000)
• Pin Compatible Replacement for MAX3237E
• Pin Selectable, Guaranteed Data Rate . . 250kbps/1Mbps
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
Capacitors
• Manual Powerdown Feature
• Flow Through Pinout
• Rx and Tx Hysteresis For Improved Noise Immunity
• Rx Active in Powerdown; Separate Rx Enable Pin
• Guaranteed Minimum Slew Rate . . . . . . . 6V/
µs or 24V/µs
• Wide Power Supply Range. . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State . . . . . . . . . .10nA
Pb-free available
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Data Cradles and Cables
- Cellular/Mobile Phone
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
(NOTE 1)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3237E
5
3
1
250/1000
YES
NO
YES
NO
NOTE:
1. Data rate is selectable via the MBAUD pin.
Data Sheet
July 2004


Similar Part No. - ICL3237EIA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237EIA RENESAS-ICL3237EIA Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ICL3237EIAZ RENESAS-ICL3237EIAZ Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3237EIA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com