Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816136D-133I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS816136D-133I
Description  165 Bump BGA-x18 Commom I/O - Top View (Package D)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS816136D-133I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS816136D-133I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 10Page - List of Unclassifed Manufacturers GS816136D-133I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7/8
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Revision: 9/26/02
GS816118/32/36D
Supplemental Datasheet Information
Ordering Information
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
1M x 18
GS816118D-250
Pipeline/Flow Through
165 BGA
250/5.5
C
1M x 18
GS816118D-225
Pipeline/Flow Through
165 BGA
225/6
C
1M x 18
GS816118D-200
Pipeline/Flow Through
165 BGA
200/6.5
C
1M x 18
GS816118D-166
Pipeline/Flow Through
165 BGA
166/7
C
1M x 18
GS816118D-150
Pipeline/Flow Through
165 BGA
150/7.5
C
1M x 18
GS816118D-133
Pipeline/Flow Through
165 BGA
133/8.5
C
512K x 32
GS816132D-250
Pipeline/Flow Through
165 BGA
250/5.5
C
512K x 32
GS816132D-225
Pipeline/Flow Through
165 BGA
225/6
C
512K x 32
GS816132D-200
Pipeline/Flow Through
165 BGA
200/6.5
C
512K x 32
GS816132D-166
Pipeline/Flow Through
165 BGA
166/7
C
512K x 32
GS816132D-150
Pipeline/Flow Through
165 BGA
150/7.5
C
512K x 32
GS816132D-133
Pipeline/Flow Through
165 BGA
133/8.5
C
512K x 36
GS816136D-250
Pipeline/Flow Through
165 BGA
250/5.5
C
512K x 36
GS816136D-225
Pipeline/Flow Through
165 BGA
225/6
C
512K x 36
GS816136D-200
Pipeline/Flow Through
165 BGA
200/6.5
C
512K x 36
GS816136D-166
Pipeline/Flow Through
165 BGA
166/7
C
512K x 36
GS816136D-150
Pipeline/Flow Through
165 BGA
150/7.5
C
512K x 36
GS816136D-133
Pipeline/Flow Through
165 BGA
133/8.5
C
1M x 18
GS816118D-250I
Pipeline/Flow Through
165 BGA
250/5.5
I
1M x 18
GS816118D-225I
Pipeline/Flow Through
165 BGA
225/6
I
1M x 18
GS816118D-200I
Pipeline/Flow Through
165 BGA
200/6.5
I
1M x 18
GS816118D-166I
Pipeline/Flow Through
165 BGA
166/7
I
1M x 18
GS816118D-150I
Pipeline/Flow Through
165 BGA
150/7.5
I
1M x 18
GS816118D-133I
Pipeline/Flow Through
165 BGA
133/8.5
I
512K x 32
GS816132D-250I
Pipeline/Flow Through
165 BGA
250/5.5
I
512K x 32
GS816132D-225I
Pipeline/Flow Through
165 BGA
225/6
I
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS816136AD-100IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which
are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings


Similar Part No. - GS816136D-133I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS816136D ETC1-GS816136D Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS816136D-133I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D37BD-350 GSI-GS8342D37BD-350 Datasheet
506Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
GS8342DT07BGD-333I GSI-GS8342DT07BGD-333I Datasheet
507Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
logo
Everlight Electronics C...
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21UYOC-S530-A2-TR10 EVERLIGHT-67-21UYOC-S530-A2-TR10 Datasheet
146Kb / 10P
   Reverse Package Top View LEDs
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLS96400 ISSI-IS49NLS96400 Datasheet
575Kb / 34P
   576Mb (x9, x18) Separate I/O RLDRAM??2 Memory
logo
P-tec Corporation
PL00130-WCG11 P-TEC-PL00130-WCG11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG17 P-TEC-PL00130-WCG17_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG25 P-TEC-PL00130-WCG25_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com