Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB26RKW01-EJ Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB26RKW01-EJ
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26RKW01-EJ Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB26RKW01-EJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. LB26RKW01-EJ Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D55
D
www.nkkswitches.com
CAP TYPES & COLOR COMBINATIONS
Cap for Super Bright LEDs
Clear Lens
White Diffuser
JB
AT4129
Square
Material:
Polycarbonate
Finish: Glossy
LEDs AT625
AT631 AT632
The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires an external
power source. Single color LEDs are colored in OFF state; bicolor LEDs are translucent white in OFF state. Polarity marks are on the
switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the
formula in the Supplement section. Additional lamp detail is shown in the Accessories & Hardware section.
Spot Illuminated Cap with LED
Transparent
Clear Lens
Translucent
White Diffuser
AT4128
Round
AT4130
Rectangular
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
AT480
Square
AT4016
Round
A
B
C
F
Cap Colors
Available:
When ordering spot illuminated cap separately, LED color must be specified.
Examples: AT480CA (red LED, black cap); AT4016CFB (red/green bicolored LED, white cap)
Cap with Window
Factory Assembled LED;
Not Available Separately
Single Color
Bicolor
Red
Amber
Green
Red/Green
Maximum Forward Current
I
FM
25mA
30mA
25mA
30/25mA
Typical Forward Current
I
F
20mA
20mA
20mA
20mA
Forward Voltage
V
F
2.25V
2.1V
2.2V
2.0/2.2V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.33mA/°C 0.40mA/°C 0.33mA/°C 0.43/0.38mA/°C
Ambient Temperature Range
–25° ~ +70°C
1D
1F
1C
LED Specifications
CF
LED factory
assembled in Spot
Illuminated Caps
Not Available
Separately
Single Color LED
with 1 Element
Bicolor LED
with 2 Elements
(+)
(-)
(+)
(-)
(4.0)
.157 (2.0)
.079
(5.0)
.197
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(5.0)
.197
(2.0)
.079
(6.0)
.236
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
Material:
Polycarbonate
Finish: Glossy
A
B
E
F
Cap Colors
Available:
Cap for Nonilluminated
C
G
H
AT484
Square
AT4017
Round
AT4030
Rectangular
Cap
No Lamp
(3.5)
.138
(6.5)
.256
(13.2) Sq
.520
(19.0) Dia
.748
(4.5)
.177
(5.5)
.217
(19.4)
.764
(13.2)
.520
(5.0)
.197
(6.0)
.236
Material: Polycarbonate
Finish: Glossy
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear


Similar Part No. - LB26RKW01-EJ

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB26RKW01-E NKK-LB26RKW01-E Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Similar Description - LB26RKW01-EJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com