Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC8102300W Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC8102300W
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC8102300W Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC8102300W Datasheet HTML 1Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 2Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 3Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 4Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 5Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 6Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 7Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 8Page - Fairchild Semiconductor MOC8102300W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1/21/04
Page 3 of 12
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
MOC8106
MOC8107
MOC8108
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
** All typicals at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA =25°C Unless otherwise specified)
(1)
Characteristic
Symbol
Min
Typ**
Max
Unit
INPUT LED
Forward Voltage
(IF = 60 mA)
CNY17F-X
VF
1.40
1.65
V
(IF = 10 mA)
MOC810X
1.0
1.18
1.5
Reverse Leakage Current (VR = 5.0 V)
IR
0.001
10
µA
Capacitance
C
18
pF
OUTPUT TRANSISTOR
Collector-Emitter Dark Current
(VCE = 10 V, TA = 25°C)
ICEO1
1.0
50
nA
(VCE = 10 V, TA = 100°C)
ICEO2
1.0
µA
Collector-Emitter Breakdown Voltage
MOC8101/2/3/4/5
(IC = 1.0 mA)
V(BR) CEO
30
100
V
MOC8106/7/8, CNY17F-1/2/3/4
(IC = 1.0 mA)
70
100
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
V(BR) ECO
7.0
10
V
Collector-Emitter Capacitance
(f = 1.0 MHz, VCE = 0)
CCE
—8—
pF
COUPLED
Output Collector Current
(IF = 10 mA, VCE = 10 V)
MOC8101
(CTR)(2)
50—80
%
MOC8102
73
117
MOC8103
108
173
MOC8104
160
256
MOC8105
65
133
MOC8106
50
150
MOC8107
100
300
MOC8108
250
600
(IF = 10 mA, VCE = 5 V)
CNY17F-1
40
80
CNY17F-2
63
125
CNY17F-3
100
200
CNY17F-4
160
320
Collector-Emitter Saturation Voltage
CNY17F-1/2/3/4
(IC = 2.5 mA, IF = 10 mA)
VCE(sat)
——
0.4
V
MOC8101/2/3/4/5/6/7/8
(IC = 500 µA, IF = 5.0 mA)
Isolation Voltage
(f = 60 Hz, t = 1.0 min.)(4)
VISO
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 V)
(4)
RISO
1011
——
Isolation Capacitance
(VI-O = 0, f = 1.0 MHz)
(4)
CISO
0.5
pF


Similar Part No. - MOC8102300W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8102 MOTOROLA-MOC8102 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8102 FAIRCHILD-MOC8102 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8102 FAIRCHILD-MOC8102 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
logo
ISOCOM COMPONENTS
MOC8102 ISOCOM-MOC8102 Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC8102 FAIRCHILD-MOC8102 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
More results

Similar Description - MOC8102300W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com