Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A4 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # 10A4
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

10A4 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  10A4 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 10A4 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A036
Rev.1.3,28-Apr-14
www.21yangjie.com
10A05 THRU 10A10
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记 Outline Dimensions and Mark
● Io
10A
●VRRM
50V-1000V
●耐正向浪涌电流能力高
●High surge current capability
■用途 Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
10A
05
1
2
4
6
8
10
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=40℃
60Hz Half-sine wave, Resistance
load, Ta=40℃
10
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
600
结温
Junction Temperature
TJ
-55~+125
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=10A
1.0
反向峰值电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
2.5
I
RRM2
Ta=125℃
50
热阻
(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
10
结电容
Typical junction
capacitance
Cj
pF
Measured at 1MHZ and Applied
Reverse Voltage of 4.0 V.D.C.
150
1.0(25.4)
MIN
.360(9.10)
.340(8.60)
.052(1.32)
.047(1.20)
DIA
.360(9.10)
.340(8.60)
1.0(25.4)
MIN
Dimensions in inches and (millimeters)
R-6
DIA
COMPLIANT
RoHS


Similar Part No. - 10A4

ManufacturerPart #DatasheetDescription
logo
Bytes
10A4 BYTES-10A4 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Nantong Hornby Electron...
10A4 HORNBY-10A4 Datasheet
233Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Rugao Dachang Electroni...
10A4 DACHANG-10A4 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
logo
Diode Semiconductor Kor...
10A4 DSK-10A4 Datasheet
260Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
List of Unclassifed Man...
10A4 ETC1-10A4 Datasheet
574Kb / 2P
   10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
More results

Similar Description - 10A4

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com