Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCPF250N65S3L1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FCPF250N65S3L1
Description  N-Channel SuperFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCPF250N65S3L1 Datasheet(HTML) 2 Page - ON Semiconductor

  FCPF250N65S3L1 Datasheet HTML 1Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 2Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 3Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 4Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 5Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 6Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 7Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 8Page - ON Semiconductor FCPF250N65S3L1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2017
Publication Order Number:
May, 2017, Rev. 1.0
FCPF250N65S3L1/D
1
FCPF250N65S3L1
N-Channel SuperFET® III MOSFET
650 V, 12 A, 250 m
Ω
Features
• 700 V @ TJ = 150 oC
•Typ. RDS(on) = 210 mΩ
• Ultra Low Gate Charge (Typ. Qg = 24 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 248 pF)
• 100% Avalanche Tested
• RoHS Compliant
Applications
• Computing / Display Power Supplies
• Telecom / Server Power Supplies
• Industrial Power Supplies
Description
SuperFET® III MOSFET is ON Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This advanced technology
is tailored to minimize conduction loss, provide superior
switching performance, and withstand extreme dv/dt rate.
Consequently, SuperFET III MOSFET is very suitable for
various power system for miniaturization and higher efficiency.
TO-220F
G
DS
G
S
D
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCPF250N65S3L1
Unit
VDSS
Drain to Source Voltage
650
V
VGSS
Gate to Source Voltage
- DC
±30
V
- AC
(f > 1 Hz)
±30
V
ID
Drain Current
- Continuous (TC = 25oC)
12*
A
- Continuous (TC = 100oC)
7.6*
IDM
Drain Current
- Pulsed
(Note 1)
30*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
57
mJ
IAS
Avalanche Current
(Note 1)
2.3
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.31
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
31
W
- Derate Above 25oC0.25
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCPF250N65S3L1
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
4.07
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
62.5
*Drain current limited by maximum junction temperature
.


Similar Part No. - FCPF250N65S3L1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCPF250N65S3L1 ISC-FCPF250N65S3L1 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCPF250N65S3L1-F154 ONSEMI-FCPF250N65S3L1-F154 Datasheet
310Kb / 10P
   MOSFET – Power, N-Channel, SUPERFET III, Easy Drive 650 V, 12 A, 250 m
July, 2022 - Rev. 1
More results

Similar Description - FCPF250N65S3L1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF165N65S3L1 ONSEMI-FCPF165N65S3L1 Datasheet
990Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
FCH040N65S3 ONSEMI-FCH040N65S3 Datasheet
927Kb / 10P
   N-Channel SuperFET MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_13 Datasheet
353Kb / 8P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP190N65S3 ONSEMI-FCP190N65S3 Datasheet
919Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF099N65S3 ONSEMI-FCPF099N65S3 Datasheet
899Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
FCMT099N65S3 ONSEMI-FCMT099N65S3 Datasheet
787Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF190N65S3L1 ONSEMI-FCPF190N65S3L1 Datasheet
984Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCPF7N60T FAIRCHILD-FCPF7N60T Datasheet
513Kb / 11P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP099N65S3 ONSEMI-FCP099N65S3 Datasheet
921Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF125N65S3 ONSEMI-FCPF125N65S3 Datasheet
903Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com