Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH40T65SQD Datasheet(PDF) 9 Page - ON Semiconductor

Part # FGH40T65SQD
Description  650 V, 40 A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGH40T65SQD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FGH40T65SQD Datasheet HTML 3Page - ON Semiconductor FGH40T65SQD Datasheet HTML 4Page - ON Semiconductor FGH40T65SQD Datasheet HTML 5Page - ON Semiconductor FGH40T65SQD Datasheet HTML 6Page - ON Semiconductor FGH40T65SQD Datasheet HTML 7Page - ON Semiconductor FGH40T65SQD Datasheet HTML 8Page - ON Semiconductor FGH40T65SQD Datasheet HTML 9Page - ON Semiconductor FGH40T65SQD Datasheet HTML 10Page - ON Semiconductor FGH40T65SQD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
S e miconductor Compone nts Indus trie s , LLC, 2017
www.fa irchilds e mi.com
FGH40T65S QD
Rev. 1.0
www.ons e mi.com
8
Mechanical Dimensions


Similar Part No. - FGH40T65SQD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
   IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SH-F155 ONSEMI-FGH40T65SH-F155 Datasheet
480Kb / 8P
   IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40T65SHD-F155 ONSEMI-FGH40T65SHD-F155 Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results

Similar Description - FGH40T65SQD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
   Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
   Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
AFGHL40T65SQD ONSEMI-AFGHL40T65SQD Datasheet
268Kb / 9P
   Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2
AFGHL40T65SQ ONSEMI-AFGHL40T65SQ Datasheet
255Kb / 8P
   Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
   IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH40T65UPD FAIRCHILD-FGH40T65UPD Datasheet
308Kb / 10P
   650 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40N65UFDTU ONSEMI-FGH40N65UFDTU Datasheet
478Kb / 10P
   IGBT - Field Stop 650 V, 40 A
January, 2020 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com