Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH75T65SQDT Datasheet(PDF) 2 Page - ON Semiconductor

Part # FGH75T65SQDT
Description  http://115.22.68.60/master/PDF_DATA/ONSEMI/FGH75T65SQDT.PDF
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGH75T65SQDT Datasheet(HTML) 2 Page - ON Semiconductor

  FGH75T65SQDT Datasheet HTML 1Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 2Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 3Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 4Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 5Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 6Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 7Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 8Page - ON Semiconductor FGH75T65SQDT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S e miconductor Compone nts Indus trie s , LLC, 2017
www.fa irchilds e mi.com
FGH75T65S QDT
Rev. 1.0
www.ons e mi.com
1
FGH75T65SQDT
650 V, 75 A Field Stop Trench IGBT
Features
• Maximum Junction Temperature: TJ = 175oC
• Positive Temperature Co-efficient for Easy Parallel Operating
• High Current Capability
• Low Saturation Voltage: VCE(sat) = 1.6 V ( Typ.) @ IC = 75 A
• 100% of the Parts tested for ILM(1)
• High Input Impedance
• Fast Switching
• Tighten Parameter Distribution
• RoHS Compliant
General Description
Using novel field stop IGBT technology, ON semiconductor’s
new series of field stop 4th generation IGBTs offer he optimum
performance for solar inverter, UPS, welder, telecom, ESS and
PFC applications where low conduction and switching losses
are essential.
Applications
• Solar Inverter, UPS, Welder, Telecom, ESS, PFC
Absolute Maximum Ratings
Symbol
Description
FGH75T65SQDT_F155 (1)
Unit
VCES
Collector to Emitter Voltage
650
V
VGES
Gate to Emitter Voltage
 20
V
Transient Gate to Emitter Voltage
30
V
IC
Collector Current
@ TC = 25oC
150
A
Collector Current
@ TC = 100oC
75
A
ILM (2)
Pulsed Collector Current
@ TC = 25oC
300
A
ICM (3)
Pulsed Collector Current
300
A
IF
Diode Forward Current
@ TC = 25oC
150
A
Diode Forward Current
@ TC = 100oC
75
A
IFM (3)
Pulsed Diode Maximum Forward Current
300
A
PD
Maximum Power Dissipation
@ TC = 25oC
375
W
Maximum Power Dissipation
@ TC = 100oC
188
W
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Notes:
1. Due to system integration constraints between Fairchild and ON semiconductor, as of November 1, 2017 any product part number with a underscore will be replaced with a
dash. This is a notification.
2. VCC = 400 V, VGE = 15 V, IC = 300 A, RG = 21  , Inductive Load
3. Repetitive rating: Pulse width limited by max. junction temperature
COLLECTOR
(FLANGE)
E
C
G
G
E
C
June 2017


Similar Part No. - FGH75T65SQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
More results

Similar Description - FGH75T65SQDT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPE24LC TECHPUBLIC-TPE24LC Datasheet
1Mb / 4P
   http://34.64.149.214/master/PDF_DATA/TECHPUBLIC/TPE24LC.PDF
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-E1B2E ADVANTECH-SNMP-1000-E1B2E Datasheet
695Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Marktech Corporate
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
494Kb / 8P
   Screen Master
logo
Xilinx, Inc
DS566 XILINX-DS566 Datasheet
877Kb / 38P
   PLBV46 Master
logo
Fuji Electric
EDS11-156A FUJI-EDS11-156A Datasheet
173Kb / 4P
   MASTER STATION
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME Datasheet
521Kb / 10P
   Screen Master
C4SMK MARKTECH-C4SMK Datasheet
605Kb / 9P
   Screen Master
logo
NXP Semiconductors
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com