Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNA41560T2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FNA41560T2
Description  Motion SPM 45 Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FNA41560T2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FNA41560T2 Datasheet HTML 7Page - ON Semiconductor FNA41560T2 Datasheet HTML 8Page - ON Semiconductor FNA41560T2 Datasheet HTML 9Page - ON Semiconductor FNA41560T2 Datasheet HTML 10Page - ON Semiconductor FNA41560T2 Datasheet HTML 11Page - ON Semiconductor FNA41560T2 Datasheet HTML 12Page - ON Semiconductor FNA41560T2 Datasheet HTML 13Page - ON Semiconductor FNA41560T2 Datasheet HTML 14Page - ON Semiconductor FNA41560T2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
©2016 Semiconductor
10
www.fairchildsemi.com
www.onsemi.com
FNA41560T2 Rev.1.0
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Figure 10. Mounting Screws Torque Order
Note:
12. Do not make over torque when mounting screws. Much mounting torque may cause ceramic cracks, as well as bolts and Al heat-sink destruction.
13. Avoid one-sided tightening stress. Figure 10 shows the recommended torque order for mounting screws. Uneven mounting can cause the ceramic substrate of package to be
damaged. The pre-screwing torque is set to 20 ~ 30% of maximum torque rating.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Device Flatness
See Figure 9
0-
+ 120
m
Mounting Torque
Mounting Screw: M3
See Figure 10
Recommended 0.7 N • m
0.6
0.7
0.8
N • m
Recommended 7.1 kg • cm
6.2
7.1
8.1
kg • cm
Weight
-
11.00
-
g
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1


Similar Part No. - FNA41560T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNA41560T2 ONSEMI-FNA41560T2 Datasheet
723Kb / 16P
   Motion SPM 45 Series
October, 2021 - Rev. 2
FNA41560T2 ONSEMI-FNA41560T2_V01 Datasheet
723Kb / 16P
   Motion SPM 45 Series
October, 2021 - Rev. 2
More results

Similar Description - FNA41560T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNC42060F ONSEMI-FNC42060F Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FND42060F2 ONSEMI-FND42060F2 Datasheet
651Kb / 15P
   Motion SPM 45 Series
September, 2019 ??Rev. 3
FNB40560 ONSEMI-FNB40560 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
FNC42060F2 ONSEMI-FNC42060F2 Datasheet
875Kb / 18P
   Motion SPM 45 Series
January 2014 Rev. C3
FNA40860 ONSEMI-FNA40860 Datasheet
829Kb / 17P
   Motion SPM 45 Series
January 2014 Rev. C
FNA40560 ONSEMI-FNA40560 Datasheet
828Kb / 17P
   Motion SPM 45 Series
January 2014 Rev. C3
FNA41060 ONSEMI-FNA41060 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
FNA41560T2 ONSEMI-FNA41560T2_V01 Datasheet
723Kb / 16P
   Motion SPM 45 Series
October, 2021 - Rev. 2
NFA41560R42 ONSEMI-NFA41560R42 Datasheet
441Kb / 16P
   Motion SPM 45 Series
September, 2021 ??Rev. 0
NFA42060R42 ONSEMI-NFA42060R42 Datasheet
440Kb / 16P
   Motion SPM 45 Series
September, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com