Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8334R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FOD8334R2
Description  IGBT Drive Optocoupler
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8334R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FOD8334R2 Datasheet HTML 7Page - ON Semiconductor FOD8334R2 Datasheet HTML 8Page - ON Semiconductor FOD8334R2 Datasheet HTML 9Page - ON Semiconductor FOD8334R2 Datasheet HTML 10Page - ON Semiconductor FOD8334R2 Datasheet HTML 11Page - ON Semiconductor FOD8334R2 Datasheet HTML 12Page - ON Semiconductor FOD8334R2 Datasheet HTML 13Page - ON Semiconductor FOD8334R2 Datasheet HTML 14Page - ON Semiconductor FOD8334R2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
©2017 Fairchild Semiconductor Corporation
FOD8334 Rev. 1.0
www.fairchildsemi.com
10
22. The time from DESAT threshold is exceeded until the FAULT output goes LOW.
23. The length of time the DESAT threshold must be exceeded before VO begins to go LOW and the FAULT output
begins to go LOW.
24. The length of time from when RESET is initiated (via IF turn-on) until FAULT output goes HIGH.
25. The UVLO turn-on delay, tUVLO ON, is measured from the VUVLO+ threshold level of the rising edge of the output
supply voltage (VDD) to the 5 V level of the rising edge of the VO signal.
26. The UVLO turn-off delay, tUVLO OFF, is measured from the VUVLO– threshold level of the falling edge of the output
supply voltage (VDD) to the 5 V level of the falling edge of the VO signal.
27. The time to good power, tGP, is measured from the VUVLO+ threshold level of the rising edge of the output supply
voltage (VDD) to the 5 V level of the rising edge of the VO signal.
28. Common-mode transient immunity at output HIGH state is the maximum tolerable negative dVCM/ dt on the trailing
edge of the common-mode pulse, VCM, to assure the output remains in HIGH state (i.e., VO > 15 V or VFAULT > 2 V).
29. Common-mode transient immunity at output LOW state is the maximum positive tolerable dVCM/ dt on the leading
edge of the common-mode pulse, VCM, to ensure the output remains in LOW state (i.e., VO < 1.0 V or
VFAULT < 0.8 V).


Similar Part No. - FOD8334R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8314R2 ONSEMI-FOD8314R2 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8314R2V ONSEMI-FOD8314R2V Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8314T ONSEMI-FOD8314T Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8314TR2 ONSEMI-FOD8314TR2 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
More results

Similar Description - FOD8334R2

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com