Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8342R2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FOD8342R2
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342R2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FOD8342R2 Datasheet HTML 3Page - ON Semiconductor FOD8342R2 Datasheet HTML 4Page - ON Semiconductor FOD8342R2 Datasheet HTML 5Page - ON Semiconductor FOD8342R2 Datasheet HTML 6Page - ON Semiconductor FOD8342R2 Datasheet HTML 7Page - ON Semiconductor FOD8342R2 Datasheet HTML 8Page - ON Semiconductor FOD8342R2 Datasheet HTML 9Page - ON Semiconductor FOD8342R2 Datasheet HTML 10Page - ON Semiconductor FOD8342R2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
6
Switching Characteristics
Apply over all recommended conditions, typical value is measured at VDD = 30V, VSS = Ground, TA = 25°C unless
otherwise specified.
Notes:
9. Propagation delay tPHL is measured from the 50% level on the falling edge of the input pulse to the 50% level of the
falling edge of the VO signal.
10. Propagation delay tPLH is measured from the 50% level on the rising edge of the input pulse to the 50% level of the
rising edge of the VO signal.
11. PWD is defined as | tPHL – tPLH | for any given device.
12. The difference between tPHL and tPLH between any two FOD8342 parts under the same operating conditions, with
equal loads.
13. Common mode transient immunity at output high is the maximum tolerable negative dVcm/dt on the trailing edge of
the common mode impulse signal, VCM, to ensure that the output remains high (i.e., VO > 15.0 V).
14. Common mode transient immunity at output low is the maximum tolerable positive dVcm/dt on the leading edge of
the common pulse signal, VCM, to ensure that the output remains low (i.e., VO < 1.0 V).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tPHL
Propagation Delay Time to
Logic Low Output(9)
IF =10 mA,
Rg = 10 , Cg = 10 nF,
f = 250 kHz,
Duty Cycle = 50%
50
145
210
ns
tPLH
Propagation Delay Time to
Logic High Output(10)
50
120
210
ns
PWD
Pulse Width Distortion(11)
| tPHL – tPLH |
35
65
ns
PDD
(Skew)
Propagation Delay Difference
Between Any Two Parts(12)
-90
90
tR
Output Rise Time
(10% to 90%)
38
ns
tF
Output Fall Time
(90% to 10%)
24
ns
tULVO ON
ULVO Turn On Delay
IF = 10 mA, VO > 5 V
2.0
s
tULVO OFF ULVO Turn Off Delay
IF = 10 mA, VO < 5 V
0.3
s
| CMH |
Common Mode Transient
Immunity at Output High
VDD = 30 V, IF = 10 mA to 16 mA,
VCM = 2000 V, TA = 25°C
(13)
20
50
kV/
s
| CML |
Common Mode Transient
Immunity at Output Low
VDD = 30 V, VF = 0 V,
VCM = 2000 V, TA = 25°C
(14)
20
50
kV/
s


Similar Part No. - FOD8342R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8342R2 ONSEMI-FOD8342R2 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8342R2V ONSEMI-FOD8342R2V Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
More results

Similar Description - FOD8342R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com