Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8342R2V Datasheet(PDF) 2 Page - ON Semiconductor

Part # FOD8342R2V
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342R2V Datasheet(HTML) 2 Page - ON Semiconductor

  FOD8342R2V Datasheet HTML 1Page - ON Semiconductor FOD8342R2V Datasheet HTML 2Page - ON Semiconductor FOD8342R2V Datasheet HTML 3Page - ON Semiconductor FOD8342R2V Datasheet HTML 4Page - ON Semiconductor FOD8342R2V Datasheet HTML 5Page - ON Semiconductor FOD8342R2V Datasheet HTML 6Page - ON Semiconductor FOD8342R2V Datasheet HTML 7Page - ON Semiconductor FOD8342R2V Datasheet HTML 8Page - ON Semiconductor FOD8342R2V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
March 2016
FOD8342, FOD8342T
3.0 A Output Current, High Speed Gate Drive Optocoupler
in Stretched Body SOP 6-Pin
Features
FOD8342T - 8 mm Creepage and Clearance
Distance, and 0.4 mm Insulation Distance to Achieve
Reliable and High-Voltage Insulation
3.0 A Peak Output Current Driving Capability for
Medium- Power IGBT/MOSFET
– Use of P-Channel MOSFETs at Output Stage
Enables Output Voltage Swing Close to Supply Rail
20 kV/
s Minimum Common Mode Rejection
Wide Supply Voltage Range: 10 V to 30 V
Fast Switching Speed Over Full Operating
Temperature Range
– 210 ns Maximum Propagation Delay
– 65 ns Maximum Pulse Width Distortion
Under-Voltage Lockout (UVLO) with Hysteresis
Extended Industrial Temperate Range: -40°C to
100°C
Safety and Regulatory Approvals:
– UL1577, 5,000 VRMS for 1 Minute
– DIN EN/IEC60747-5-5, 1,140V Peak Working
Insulation Voltage
Applications
AC and Brushless DC Motor Drives
Industrial Inverter
Uninterruptible Power Supply
Induction Heating
Isolated IGBT/Power MOSFET Gate Drive
Related Resources
FOD3182, 3 A Output Current, High Speed MOSFET
Gate Drive Optocoupler
FOD8314, FOD8314T, 1.0 A Output Current, Gate
Drive Optocoupler in Stretched Body SOP 6-Pin
www.fairchildsemi.com/products/optoelectronics/
Description
The FOD8342 series is a 3.0 A output current gate drive
optocoupler, capable of driving medium-power IGBT/
MOSFETs. It is ideally suited for fast-switching driving of
power IGBT and MOSFET used in motor-control inverter
applications, and high-performance power systems.
The FOD8342 series utilizes stretched body package to
achieve 8 mm creepage and clearance distances
(FOD8342T), and optimized IC design to achieve reliably
high-insulation voltage and high-noise immunity.
The FOD8342 series consists of an Aluminum Gallium
Arsenide (AlGaAs) Light-Emitting Diode (LED) optically
coupled to an integrated circuit with a high-speed driver
for push-pull MOSFET output stage. The device is
housed in a stretched body, 6-pin, small outline, plastic
package.
Functional Schematic
Figure 1. Schematic
Figure 2. Package Outline
1
3
6
5
4
ANODE
CATHODE
VSS
VO
VDD
2


Similar Part No. - FOD8342R2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8342R2V ONSEMI-FOD8342R2V Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
More results

Similar Description - FOD8342R2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com