Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8342TR2V Datasheet(PDF) 6 Page - ON Semiconductor

Part # FOD8342TR2V
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342TR2V Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FOD8342TR2V Datasheet HTML 2Page - ON Semiconductor FOD8342TR2V Datasheet HTML 3Page - ON Semiconductor FOD8342TR2V Datasheet HTML 4Page - ON Semiconductor FOD8342TR2V Datasheet HTML 5Page - ON Semiconductor FOD8342TR2V Datasheet HTML 6Page - ON Semiconductor FOD8342TR2V Datasheet HTML 7Page - ON Semiconductor FOD8342TR2V Datasheet HTML 8Page - ON Semiconductor FOD8342TR2V Datasheet HTML 9Page - ON Semiconductor FOD8342TR2V Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
5
Isolation Characteristics
Apply over all recommended conditions, typical value is measured at TA = 25°C.
Notes:
5. Device is considered a two terminal device: pins 1, 2 and 3 are shorted together and pins 4, 5 and 6 are shorted
together.
6. 5,000 VACRMS for 1 minute duration is equivalent to 6,000 VACRMS for 1 second duration.
Electrical Characteristics
Apply over all recommended conditions, typical value is measured at VDD = 30 V, VSS = Ground, TA = 25°C unless
otherwise specified.
Notes:
7. In this test, VOH is measured with a dc load current of 100 mA. When driving capacitive load VOH will approach VDD
as IOH approaches 0 A.
8. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VISO
Input-Output Isolation
Voltage
TA = 25°C, R.H. < 50%,
t = 1.0 minute, II-O  20 A
(5)(6)
5000
VACRMS
RISO
Isolation Resistance
VI-O = 500 V
(5)
1011
CISO
Isolation Capacitance
VI-O = 0 V, Frequency = 1.0 MHz
(5)
1pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Input Forward Voltage
IF = 10 mA
1.1
1.5
1.8
V
(V
F/TA)
Temperature Coefficient of
Forward Voltage
-1.8
mV/°C
BVR
Input Reverse Breakdown
Voltage
IR = 10 A5.0
V
CIN
Input Capacitance
f = 1 MHz, VF = 0 V
20
pF
IOH
High Level Output Current(1)
VOH = VDD – 3 V
1.0
A
VOH = VDD – 6 V
2.5
A
IOL
Low Level Output Current(1)
VOL = VSS + 3 V
1.0
A
VOL = VSS + 6 V
2.5
A
VOH
High Level Output Voltage(7)(8)
IF = 10 mA, IO = -100 mA
VDD – 0.5 VDD – 0.1
V
VOL
Low Level Output Voltage(7)(8)
IF = 0 mA, IO = 100 mA
VSS + 0.1 VSS + 0.5
V
IDDH
High Level Supply Current
VO = Open, IF = 10 to 16 mA
2.9
4.0
mA
IDDL
Low Level Supply Current
VO = Open, VF = -3.0 to 0.8 V
2.8
4.0
mA
IFLH
Threshold Input Current Low to
High
IO = 0 mA, VO > 5 V
2.0
7.5
mA
VFHL
Threshold Input Voltage High to
Low
IO = 0 mA, VO < 5 V
0.8
V
VUVLO+
UnderVoltage Lockout
Threshold
IF = 10 mA, VO > 5 V
7.0
8.3
9.5
V
VUVLO-
IF = 10 mA, VO < 5 V
6.5
7.7
9.0
V
UVLOHYS
UnderVoltage Lockout
Threshold Hysteresis
0.6
V


Similar Part No. - FOD8342TR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8342TR2V ONSEMI-FOD8342TR2V Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
More results

Similar Description - FOD8342TR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com