Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T40108L10BB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72T40108L10BB
Description  2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T40108L10BB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72T40108L10BB Datasheet HTML 2Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 3Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 4Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 5Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 6Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 7Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 8Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 9Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T4088/98/108/118 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 40-BIT
CONFIGURATION 16,384 x 40, 32,768 x 40, 65,536 x 40 and 131,072 x 40
PIN DESCRIPTION
BM(1)
Bus-Matching
LVTTL
During Master Reset, this pin along with IW and OW selects the bus sizes for both write and read
(K2)
INPUT
ports.
D0-D39
Data Inputs
HSTL-LVTTL Data inputs for a 40-, 20-, or 10-bit bus. When in 20- or 10- bit mode, the unused input pins are in a don’t
(See Pin No.
INPUT
care state. The data bus is sampled on both rising and falling edges of WCLK when
WENisenabledand
table for details)
DDR Mode is enabled or on the rising edges of WCLK only in SDR Mode.
EF/OR
Empty Flag/
HSTL-LVTTL In the IDT Standard mode, the
EF function is selected. EF indicates whether or not the FIFO memory
(M14)
Output Ready
OUTPUT
is empty. In FWFT mode, the
OR function is selected. OR indicates whether or not there is valid data
available at the outputs.
ERCLK
Echo Read
HSTL-LVTTL Read Clock Echo output, must be equal to or faster than the Qn data outputs.
(L16)
Clock
OUTPUT
EREN
Echo Read
HSTL-LVTTL Read Enable Echo output, used in conjunction with ERCLK.
(K16)
Enable
OUTPUT
FF/IR
Full Flag/
HSTL-LVTTL In the IDT Standard mode, the
FF function is selected. FF indicates whether or not the FIFO memory is
(H3)
Input Ready
OUTPUT
empty. In FWFT mode, the
IR function is selected. IR indicates whether or not there is space available
for writing to the FIFO memory.
FSEL0(1)
Flag Select Bit 0
LVTTL
DuringMasterReset,thisinputalongwithFSEL1willselectthedefaultoffsetvaluesfortheprogrammable
(J3)
INPUT
flags
PAE and PAF. There are four possible settings available.
FSEL1(1)
Flag Select Bit 1
LVTTL
During Master Reset, this input along with FSEL0 will select the default offset values for the programmable
(J2)
INPUT
flags
PAE and PAF. There are four possible settings available.
FWFT
First Word Fall
LVTTL
During Master reset, selects First Word Fall Through or IDT Standard mode. FWFT is not available in
(G2)
Through
INPUT
DDR mode. In SDR mode, the first word will always fall through on the rising edge.
HSTL(1)
HSTL Select
LVTTL
This input pin is used to select HSTL or 2.5V LVTTL device operation. If HSTL inputs are required, this
(B7)
INPUT
input must be tied HIGH, otherwise it must be tied LOW and cannot toggle during operation.
IW(1)
InputWidth
LVTTL
During Master Reset, this pin along with OW and BM, selects the bus width of the read and write port.
(K1)
INPUT
MARK
Mark Read
HSTL-LVTTL Whenthispinisassertedthecurrentlocationofthereadpointerwillbemarked.AnysubsequentRetransmit
(E14)
Pointer for
INPUT
operation will reset the read pointer to this position. There is an unlimited number to times to set the mark
Retransmit
location, but only the most recent location marked will be acknowledged.
MRS
Master Reset
HSTL-LVTTL
MRSinitializesthereadandwritepointerstozeroandsetstheoutputregisterstoallzeros.DuringMaster
(J1)
INPUT
Reset, the FIFO is configured for either FWFT or IDT Standard mode, Bus-Matching configurations, and
programmableflagdefaultsettings.
OE
OutputEnable
HSTL-LVTTL WhenHIGH,dataoutputsQ0-Q39areinhighimpedance.WhenLOW,thedataoutputsQ0-Q39areenabled.
(G15)
INPUT
No other outputs are affected by
OE.
OW(1)
OutputWidth
LVTTL
During Master Reset, this pin along with IW and BM, selects the bus width of the read and write port.
(L3)
INPUT
PAE
Programmable
HSTL-LVTTL
PAEgoes HIGH if the number of words in the FIFO memory is greater than or equal to offset n, which is
(L15)
Almost-Empty
OUTPUT
storedintheEmptyOffsetregister.
PAEgoesLOWifthenumberofwordsintheFIFOmemoryislessthan
Flag
offsetn.
PAF
Programmable
HSTL-LVTTL
PAFgoesHIGHifthenumberoffreelocationsintheFIFOmemoryismorethanoffsetm,whichisstored
(G3)
Almost-FullFlag
OUTPUT
in the Full Offset register.
PAFgoesLOWifthenumberoffreelocationsintheFIFOmemoryislessthan
or equal to m.
PRS
PartialReset
HSTL-LVTTL
PRSinitializesthereadandwritepointerstozeroandsetstheoutputregisterstoallzeros.DuringPartial
(K3)
INPUT
Reset, the existing mode (IDT standard or FWFT) and programmable flag settings are not affected.
Q0-Q39
DataOutputs
HSTL-LVTTL Data outputs for a 40-, 20-, or 10-bit bus. When in 20- or 10- bit mode, the unused output pins should not
(See Pin No.
OUTPUT
be connected. The output data is clocked on both rising and falling edges of RCLK when
RENisenabled
table for details)
and DDR Mode is enabled or on the rising edges of RCLK only in SDR Mode.
RCLK
Read Clock
HSTL-LVTTL Inputclockwhenusedinconjunctionwith
RENforreadingdatafromtheFIFOmemoryandoutputregister.
(G16)
INPUT
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T40108L10BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T40108L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T54242 IDT-IDT72T54242 Datasheet
543Kb / 56P
   2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com