Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYR1812820G-745 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYR1812820G-745
Description  Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYR1812820G-745 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYR1812820G-745 Datasheet HTML 5Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 6Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 7Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 8Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 9Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 10Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 11Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 12Page - Infineon Technologies AG HYR1812820G-745 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HYR 16xx20G/HYR 18xx20G
Rambus RIMM Modules
INFINEON Technologies
9
7.00
1)
The table below shows the number of RDRAM devices contained in a RIMM module of listed
memory storage capacity
.
Absolute Maximum Ratings
Symbol Parameter
Limit Values
Unit
min.
max.
V
I,ABS
Voltage applied to any RSL or CMOS signal pad with
respect to GND
– 0.3
V
DD +0.3
V
V
DD,ABS
Voltage on
V
DD with respect to GND
– 0.5
V
DD +1.0
V
T
STORE
Storage temperature
– 50
100
°C
DC Recommended Electrical Conditions
Symbol
Parameter and Conditions
Limit Values
Unit
min.
max.
V
DD
Supply voltage
2.50 – 0.13
2.50 + 0.13
V
V
CMOS
CMOS I/O power supply at pad for
2.5 V controllers:
CMOS I/O power supply at pad for
1.8 V controllers:
2.5 – 0.13
1.8 – 0.1
2.5 + 0.25
1.8 + 0.2
V
V
V
REF
Reference voltage
1.4 – 0.2
1.4 + 0.2
V
V
IL
RSL input low voltage
V
REF – 0.5
V
REF – 0.2
V
V
IH
RSL input high voltage
V
REF +0.2
V
REF +0.5
V
V
IL,CMOS
CMOS input low voltage
– 0.3
0.5
V
CMOS – 0.25
V
V
IH,CMOS
CMOS input high voltage
0.5
V
CMOS +0.25
V
CMOS +0.7
V
V
OL,CMOS
CMOS output low voltage @
I
OL,CMOS =1 mA
0.3
V
V
OH,CMOS
CMOS output high voltage @
I
OH,CMOS = – 0.25 mA
V
CMOS – 0.3
V
I
REF
V
REF current @ VREF,MAX
– 10
× no.
RDRAMs
1)
10
× no.
RDRAMs
1)
µA
I
SCK,CMD
CMOS input leakage current @
(0
V
CMOS VDD)
– 10
× no.
RDRAMs
1)
10
× no.
RDRAMs
1)
µA
I
SIN,SOUT
CMOS input leakage current @
(0
V
CMOS VDD)
– 10.0
10.0
µA
RIMM Module Capacity
64/72 MB
128/144 MB 256/288 MB
Number of 144 Mbit RDRAM devices
4
8
16


Similar Part No. - HYR1812820G-745

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR1812840G-653 INFINEON-HYR1812840G-653 Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR1812840G-745 INFINEON-HYR1812840G-745 Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR1812840G-840 INFINEON-HYR1812840G-840 Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR1812840G-845 INFINEON-HYR1812840G-845 Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
More results

Similar Description - HYR1812820G-745

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR163240G INFINEON-HYR163240G Datasheet
385Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com