Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T4098L6-7BB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72T4098L6-7BB
Description  2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T4098L6-7BB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72T4098L6-7BB Datasheet HTML 1Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 2Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 3Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 4Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 5Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 6Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 7Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 8Page - Integrated Device Technology IDT72T4098L6-7BB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T4088/98/108/118 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 40-BIT
CONFIGURATION 16,384 x 40, 32,768 x 40, 65,536 x 40 and 131,072 x 40
DESCRIPTION (CONTINUED)
PAEandPAFflagscanbeprogrammedindependentlytoswitchatanypoint
inmemory.Programmableoffsetsmarkthelocationwithintheinternalmemory
that activates the
PAEandPAFflagsandcanonlybeprogrammedserially.To
program the offsets, set
SENactiveanddatacanbeloadedviatheSerialInput
(SI) pin at the rising edge of SCLK. To read out the offset registers serially, set
SRENactiveanddatacanbereadoutviatheSerialOutput(SO)pinattherising
edge of SCLK. Four default offset settings are also provided, so that
PAEcan
be marked at a predefined number of locations from the empty boundary and
the
PAFthresholdcanalsobemarkedatsimilarpredefinedvaluesfromthefull
boundary. The default offset values are set during Master Reset by the state
of the FSEL0 and FSEL1 pins.
During Master Reset (
MRS),thefollowingeventsoccur:thereadandwrite
pointers are set to the first location of the internal FIFO memory, the FWFT pin
selects IDT Standard mode or FWFT mode, the bus width configuration of the
readandwriteportisdeterminedbythestateofIWandOW,andthedefaultoffset
values for the programmable flags are set.
The Partial Reset (
PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode and the values stored in the
programmable offset registers before Partial Reset remain unchanged. The
flagsareupdatedaccordingtothetimingmodeandoffsetsineffect.
PRSisuseful
for resetting a device in mid-operation, when reprogramming programmable
flags would be undesirable.
The timing of the
PAE and PAF flags are synchronous to RCLK and WCLK,
respectively. The
PAE flag is asserted upon the rising edge of RCLK only and
not WCLK. Similarly the
PAF is asserted and updated on the rising edge of
WCLK only and not RCLK.
ThisdeviceincludesaRetransmitfromMarkfeaturethatutilizestwocontrol
inputs, MARK and
RT(Retransmit).IftheMARKinputisenabledwithrespect
to the RCLK, the memory location being read at the point will be marked. Any
subsequent retransmit operation (when
RT goes LOW), will reset the read
pointer to this “marked” location.
The device can be configured with different input and output bus widths as
previously stated. These rates are: x40 to x40, x40 to x20,x40 to x10, x20 to
x40, and x10 to x40.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized.Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
A JTAG test port is provided, here the FIFO has fully functional boundary
Scan feature, compliant with IEEE 1449.1 Standard Test Access Port and
Boundary Scan Architecture.
The Double Data Rate FIFO has the capability of operating in either LVTTL
or HSTL mode. HSTL mode can be selected by enabling the HSTL pin. Both
input and output ports will operate in either HSTL or LVTTL mode, but cannot
be selected independent of one another.
The IDT72T4088/72T4098/72T40108/72T40118 are fabricated using
IDT’s high-speed submicron CMOS technology.


Similar Part No. - IDT72T4098L6-7BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T4098L6-7BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T54242 IDT-IDT72T54242 Datasheet
543Kb / 56P
   2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com