Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB8888PCK-2 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # QPB8888PCK-2
Description  xPON Video Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB8888PCK-2 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button QPB8888PCK-2 Datasheet HTML 4Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 5Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 6Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 7Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 8Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 9Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 10Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 11Page - TriQuint Semiconductor QPB8888PCK-2 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
QPB8888
xPON Video Receiver
Data Sheet
–Rev D, June 20, 2017 | Subject to change without notice
- 11 of 12 -
www.qorvo.com
®
Pin Configuration and Description
Pin
Name
Description
1
TIA INPUT A
Input to the TIA stage of the receiver
2
BIAS1
Biasing for the first stage. The current flowing through this pin is used to control the biasing for
the first stage amplifier
3
NC
Not Connected
4
BIAS1
Biasing for the first stage. The current flowing through this pin is used to control the biasing for
the first stage amplifier
5
TIA INPUT B
Input to the TIA stage of the receiver
6
BIAS CONTRL
Bias Control pin not used for normal operation. A 0.1µF capacitor is connected to these pins
for filtering
7
TIA OUT B
Output of the first stage TIA
8
Post AMP BIAS
Bias input for the second stage amplifier (post amp)
9
Post AMP IN B
Input for the second stage amplifier (post amp)
10
NC
Not Connected
11
Post AMP BIAS B Biasing for the second stage amplifier (post amp)
12
Post AMP OUT B
Output of the second stage amplifier (post amp)
13
NC
Not Connected
14
Post AMP OUT A
Output of the second stage amplifier (post amp)
15
Post AMP BIAS A Biasing for the second stage amplifier (post amp)
16
NC
Not Connected
17
Post AMP IN A
Input for the second stage amplifier (post amp)
18
Post AMP BIAS
Bias input for the second stage amplifier (post amp)
19
TIA OUT A
Output of the first stage TIA
20
BIAS CONTRL
Bias Control pin not used for normal operation. A 0.1µF capacitor is connected to these pins
for filtering


Similar Part No. - QPB8888PCK-2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB8888PCK-2 QORVO-QPB8888PCK-2 Datasheet
1Mb / 12P
   xPON Video Receiver
More results

Similar Description - QPB8888PCK-2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com