Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79R4700-150-DP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT79R4700-150-DP
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4700-150-DP Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT79R4700-150-DP Datasheet HTML 1Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 2Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 3Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 4Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 5Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 6Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 7Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 8Page - Integrated Device Technology IDT79R4700-150-DP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
April 10, 2001
 2001 Integrated Device Technology, Inc.
DSC 9096
64-Bit RISC Microprocessor
Features
Features
Features
Features
x
True 64-bit microprocessor
– 64-bit integer operations
– 64-bit floating-point operations
– 64-bit registers
– 64-bit virtual address space
x
High-performance microprocessor
– 260 Dhrystone MIPS at 200MHz
– 100 peak MFLOP/s at 200MHz
– Two-way set associative caches
– Simple 5-stage pipeline
x
High level of integration
– 64-bit, 200 MHz integer CPU
– 64-bit floating-point unit
– 16KB instruction cache
– 16KB data cache
– Flexible MMU with large, fully associative TLB
x
Low-power operation
– 3.3V power supply, for the “RV” part
– 5V power supply, for the “R” part
– Dynamic power management
– Standby mode reduces internal power
x
Fully software & pin-compatible with 40XX Processor Family
x
Available in 179-pin PGA or 208-pin QFP
x
Available at 80-200MHz, with mode bit dependent output
clock frequencies
x
64GB physical address space
x
Processor family for a wide variety of embedded
applications
– LAN switches
– Routers
– Color printers
Description
Description
Description
Description
The IDT79R4700 64-bit RISC Microprocessor is both software and
pin-compatible with the R4XXX processor family. With 64-bit processing
capabilities, the R4700 provides more computational power and data
movement bandwidth than is delivered to typical embedded systems by
32-bit processors.
The R4700 is upwardly software compatible with the IDT79R3000
microprocessor family, including the IDTRISController79R3051,
R3052, R3041, R3081as well as the R4640, R4650, RC64474/
475and R5000. An array of development tools facilitates rapid
development of R4700-based systems, allowing a variety of customers
access to the MIPS Open Architecture philosophy.
Block Diagram
Block Diagram
Block Diagram
Block Diagram
The IDT logo is a registered trademark and RC32134, RC32364, RC64145, RC64474, RC64475, RC4650, RC4640, RC4600,RC4700 RC3081, RC3052, RC3051, RC3041, RISController, and RISCore are trade-
marks of Integrated Device Technology, Inc.
Read Buffer
Integer Register File
Integer/Address Adder
Data TLB Virtual
Shifter/Store Aligner
Logic Unit
Program Counter
PC Increm enter
Branch Adder
Load Aligner
Floating-point
Unpacker/Packer
Floating-point
Add/Sub/Cvt/Div/Sqrt
Integer Divide
Floating-point/Integer
Phase Lock Loop, Clocks
Instruction TLB Virtual
Joint TLB
Data Set A
Data Set B
Data Tag A
DTLB Physical
Address Buffer
Data Tag B
Instruction Tag A
Instruction Tag B
ITLB Physical
Store Buffer
Write Buffer
DVA
IVA
Instruction Set A
Instruction Set B
Multiply
SysAD
IBus
DBus
Coprocessor 0
System /Mem ory
Control
Tag
AuxTag
Instruction Select
Control
Instruction Register
Register File
IDT79R4700


Similar Part No. - IDT79R4700-150-DP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
More results

Similar Description - IDT79R4700-150-DP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com