Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T40108L5BBI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72T40108L5BBI
Description  2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T40108L5BBI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72T40108L5BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T40108L5BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T4088/98/108/118 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 40-BIT
CONFIGURATION 16,384 x 40, 32,768 x 40, 65,536 x 40 and 131,072 x 40
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
VCC
VCC
D34
D35
D30
TCK
WCLK
D24
D25
VCC
VCC
VREF
D2
GND
D7
Q4
GND
Q0
GND
Q3
VDDQ
GND
Q7
D13
Q5
D1
GND
D4
D10
D15
FSEL0
D17
Q9
VDDQ
Q23
Q28
REN
RCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A1 BALL PAD CORNER
MARK
RCS
VDDQ
VDDQ
VDDQ
VDDQ
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
D5
PRS
OW
D29
D26
D18
D19
Q1
Q2
EF/OR
VDDQ
WEN
MRS
IW
WSDR
D27
D23
D37
D32
TDI
TMS
FWFT
WCS
BM
FSEL1
RSDR
D28
D20
D21
D22
D11
Q37
Q39
VDDQ
SI
SREN
EREN
ERCLK
Q31
Q34
Q18
Q16
Q14
VDDQ
Q10
Q12
Q6
Q22
Q8
D31
TRST
TDO
PAF
FF/IR
D36
D39
D8
VCC
D3
VCC
D6
VDDQ
GND
VDDQ
GND
Q21
VDDQ
Q20
VDDQ
VCC
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
Q26
VDDQ
Q27
VDDQ
GND
GND
GND
VDDQ
VDDQ
VDDQ
Q13
VDDQ
VDDQ
GND
GND
D16
D12
D14
Q19
Q15
Q17
Q11
Q38
SEN
SO
PAE
Q30
Q33
Q36
Q29
RT
OE
SCLK
GND
VDDQ
VDDQ
VDDQ
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
VDDQ
GND
VCC
VCC
VCC
VDDQ
GND
VDDQ
GND
VDDQ
Q35
Q32
D38
Q24
Q25
D33
HSTL
GND
D9
GND
D0
5995 drw02
PBGA: 1mm pitch, 17mm x 17mm (BB208-1, order code: BB)
TOP VIEW
PIN CONFIGURATIONS


Similar Part No. - IDT72T40108L5BBI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T40108L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T54242 IDT-IDT72T54242 Datasheet
543Kb / 56P
   2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com