Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS6N70FC-O-F2-N-B Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS6N70FC-O-F2-N-B
Description  Electronic ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS6N70FC-O-F2-N-B Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS6N70FC-O-F2-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70FC-O-F2-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
R
JCS6N70C
版本:201706L
5/21
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=350V,ID=6A,RG=25Ω
(note 4,5)
-
11
31
ns
上升时间 Turn-On rise time
tr
-
35
80
ns
延迟时间 Turn-Off delay time
td(off)
-
46
95
ns
下降时间 Turn-Off Fall time
tf
-
40
92
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =560V ,
ID=6A
VGS =10V
(note 4,5)
-
31
41
nC
栅-源电荷 Gate-Source charge
Qgs
-
6
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
15
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
6
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
24
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=6.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V, IS=6.0A
dIF/dt=100A/μs
(note 4)
-
345
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
3.2
-
μC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最大 Max
单 位
Unit
JCS6N70VC/RC/CC/SC/BC/MPC JCS6N70FC
结到管壳的热阻
Thermal Resistance, Junction
to Case
Rth(j-c)
1.04
3.2
℃/W
结到环境的热阻
Thermal Resistance,
Junction to Ambient
Rth(j-A)
62.5
62.5
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=14mH, IAS=6.0A, VDD=50V,
RG=25 Ω,起始结
温 TJ=25℃
3 : ISD≤6.0A,di/dt≤300A/μs,VDD≤BVDSS, 起始结温
TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2 : L=14mH, IAS=6.0A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD≤6.0A,di/dt≤300A/μs,VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature


Similar Part No. - JCS6N70FC-O-F2-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70FC-O-F2-N-B JSMC-JCS6N70FC-O-F2-N-B Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70FC-O-F2-N-B JSMC-JCS6N70FC-O-F2-N-B Datasheet
1Mb / 16P
   Electronic ballast
More results

Similar Description - JCS6N70FC-O-F2-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
   Electronic ballast
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
   Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
   Electronic ballast
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com