Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLZS-2012 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLZS-2012
Description  Power dissipation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLZS-2012 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLZS-2012 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
======================================================================
ZnSe WHITE LED
======================================================================
MODEL: RLZS-2012
(top LED, 2.0 mm x 1.2 mm x 1.0 mm)
1. SPECIFICATION:
1.1 Absolute maximum ratings at Ta=25℃
Parameter
Symbol
Value
Unit
Power dissipation
Pd
60
mW
DC forward current
If
20
mA
Peak forward current
Ifpm
20
mA
Reverse voltage
Vr
10
V
Operating temperature range
Topt
-20∼+75
Storage temperature range
Tstg
-40∼+100
Notes)
・The half-life of the optical output at 25℃ is over 3,000hrs at the above If condition.
・Recommended If at 75℃ is 5mA. The half-life under such condition is over 1,000hrs.
・The half-life of the LED is inversely proportional to the square of the operating current.
(The If-Ta curve is also shown in sheet 1.)
1.2 Typical electrical/optical properties at Ta=25℃
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
If=20mA
2.45
2.65
2.90
Forward voltage
Vf
If=1mA
2.34
2.37
2.40
V
Reverse voltage
Vr
Ir=1μA
5
>30
>30
V
ESD threshold
VESD
100pF/1.5kΩ
2
8
kV
Peak wavelength 1
λp1
481
484
487
Peak wavelength 2
λp2
If=20mA
595
605
615
nm
Rank A
450
500
550
Rank N
350
400
450
Luminous
intensity
Rank S
Iv
If=20mA
250
300
350
mcd
Viewing angle
1/2
If=20mA
105
120
135
degree
Notes)
・Peak wavelength 1 and 2 refers to emissions from the active layer and the substrate,
respectively. White color is obtained by mixing these two light emissions.
・Rank S type employs optical diffuser inside epoxy lens.
・If-Vf, Po-If, and Po-Ta characteristics of a typical white LED is shown in sheet 2.
・A typical Viewing Angle data is shown in Sheet 3.


Similar Part No. - RLZS-2012

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLZS-1608 ROITHNER-RLZS-1608 Datasheet
76Kb / 4P
   The first seven characters show model number
More results

Similar Description - RLZS-2012

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
   Power Dissipation
logo
SHIKUES Electronics
MMBD2836 SKTECHNOLGY-MMBD2836 Datasheet
191Kb / 1P
   Power dissipation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com