Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB20CH120DF Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSBB20CH120DF
Description  Motion SPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB20CH120DF Datasheet(HTML) 3 Page - ON Semiconductor

  FSBB20CH120DF Datasheet HTML 1Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 2Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 3Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 4Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 5Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 6Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 7Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 8Page - ON Semiconductor FSBB20CH120DF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2017 Semiconductor Components Industries, LLC
2
www.fairchildsemi.com
www.onsemi.com
FSBB20CH120DF • Rev. 1.0
Integrated Power Functions
• 1200 V - 20 A IGBT inverter for three-phase DC / AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: gate drive circuit, high-voltage isolated high-speed level shifting
control circuit Under-Voltage Lock-Out Protection (UVLO)
Note: Available bootstrap circuit example is given in Figures 5 and 15
• For inverter low-side IGBTs: gate drive circuit, Short-Circuit Protection (SCP)
control supply circuit Under-Voltage Lock-Out Protection (UVLO)
• Fault signaling: corresponding to UVLO (low-side supply) and SC faults
• Input interface: active-HIGH interface, works with 3.3 / 5 V logic, Schmitt-trigger input
Pin Configuration
Figure 2. Top View


Similar Part No. - FSBB20CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
More results

Similar Description - FSBB20CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com