Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10200CTR Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # MBRF10200CTR
Description  10 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBRF10200CTR Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  MBRF10200CTR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBRF10200CTR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.07C
®
MBRF10100CTR thru MBRF10200CTR
(TA=25℃ unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
0
2
4
6
8
10
12
50
75
100
125
150
175
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
30
60
90
120
150
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=75℃
TJ=125℃
TJ=25℃
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH=300μs
1% DUTY CYCLE
TJ=125℃
TJ=25℃
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE


Similar Part No. - MBRF10200CTR

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRF10200CTR SMC-MBRF10200CTR Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
logo
Thinki Semiconductor Co...
MBRF10200CTR THINKISEMI-MBRF10200CTR Datasheet
541Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
logo
SMC Diode Solutions Co....
MBRF10200CTR SMCDIODE-MBRF10200CTR Datasheet
252Kb / 4P
   MBRF10200CTR SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - MBRF10200CTR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
446Kb / 2P
   20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA_V01 Datasheet
427Kb / 2P
   20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
FMG22R THINKISEMI-FMG22R_17 Datasheet
791Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
ESAC25M-02N THINKISEMI-ESAC25M-02N Datasheet
666Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
YG225N2 THINKISEMI-YG225N2 Datasheet
668Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
DFR10A20CTA THINKISEMI-DFR10A20CTA Datasheet
681Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
MBR10100CTR THINKISEMI-MBR10100CTR Datasheet
848Kb / 2P
   10 Ampere Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
ESAD39M-02N THINKISEMI-ESAD39M-02N Datasheet
716Kb / 2P
   10 Ampere Insulated Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MBR20100CTR THINKISEMI-MBR20100CTR Datasheet
350Kb / 2P
   20 Ampere Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF4035CTR THINKISEMI-MBRF4035CTR Datasheet
720Kb / 2P
   40.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com