Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S16C60A Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # S16C60A
Description  16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

S16C60A Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  S16C60A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. S16C60A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.07C
®
S16C20A thru S16C150A
(TA=25℃ unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
0.0
4.0
8.0
12.0
16.0
20.0
0
50
100
150
CASE TEMPERATURE (oC)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING
CURVE
S16C50A-S16C150A/S16C200A
S16C20A-S16C40A
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25℃
TJ=75℃
TJ=100℃
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
S16C50A-S16C60A
S16C20A-S16C40A
S16C90A-S16C100A
S16C150A/S16C200A
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER LEG
S16C50A-S16C150A/S16C200A
S16C20A-S16C40A
f=1.0MHz
Vslg=50mVp-p
0.1
1
10
100
0.01
0.1
1
10
100
PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - S16C60A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S16C60 MOSPEC-S16C60 Datasheet
229Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
logo
Compact Technology Corp...
S16C60C CTC-S16C60C Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S16C60CE MOSPEC-S16C60CE Datasheet
186Kb / 2P
   Schottky Barrier Rectifiers
logo
Chenmko Enterprise Co. ...
S16C60PT CHENMKO-S16C60PT Datasheet
67Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S16C60A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBR3035CTR THINKISEMI-MBR3035CTR Datasheet
308Kb / 2P
   30.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
GP1601A THINKISEMI-GP1601A_V01 Datasheet
1Mb / 3P
   16.0 Amperes Heatsink Dual Common Anode General Purpose Rectifiers
MBR20100CTR THINKISEMI-MBR20100CTR Datasheet
350Kb / 2P
   20 Ampere Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF4035CTR THINKISEMI-MBRF4035CTR Datasheet
720Kb / 2P
   40.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF2045CTR THINKISEMI-MBRF2045CTR Datasheet
623Kb / 2P
   20 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF1045CTR THINKISEMI-MBRF1045CTR Datasheet
541Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF3035CTR THINKISEMI-MBRF3035CTR Datasheet
541Kb / 2P
   30.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBR3035PTR THINKISEMI-MBR3035PTR Datasheet
948Kb / 2P
   30 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
MBR4035PTR THINKISEMI-MBR4035PTR Datasheet
401Kb / 2P
   40.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
S20D35A THINKISEMI-S20D35A Datasheet
922Kb / 2P
   20.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com