Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5236EUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5236EUB
Description  Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5236EUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5236EUB Datasheet HTML 2Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 3Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 4Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 5Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 6Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 7Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 8Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 9Page - Maxim Integrated Products MAX5236EUB Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Single-Supply 3V/5V, Voltage-Output, Dual,
Precision 10-Bit DACs
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS—MAX5236 (FIGURES 1 AND 2)
(VDD = +2.7V to +3.6V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Clock Period
tCP
74
ns
SCLK Pulse Width High
tCH
30
ns
SCLK Pulse Width Low
tCL
30
ns
CS Fall to SCLK Rise Setup Time
tCSS
30
ns
SCLK Rise to CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
30
ns
DIN Hold Time
tDH
0ns
SCLK Rise to CS Fall Delay
tCS0
10
ns
CS Rise to SCLK Rise Hold Time
tCS1
30
ns
CS Pulse Width High
tCSW
75
ns
LDAC Pulse Width Low
tLDL
30
ns
CS Rise to LDAC Rise Hold Time
tCSLD
(Note 9)
75
ns
Note 1: Accuracy is guaranteed in the following way:
Note 2: Offset is measured at the code closest to 12mV.
Note 3: Gain from VREF_ to VOUT_ is typically 1.638 CODE/1024.
Note 4: DC crosstalk is measured as follows: set DAC A to midscale, and DAC B to zero, and measure DAC A output; then change
DAC B to full scale and measure
∆VOUT for DAC A. Repeat the same measurement with DAC A and DAC B interchanged.
DC crosstalk is the maximum
∆VOUT measured.
Note 5: The DAC output voltage is derived by gaining up VREF by 1.638 CODE/1024. This gain factor may cause VOUT to try to
exceed the supplies. The maximum value of VREF in the reference input range spec prevents this from happening at full
scale. The minimum VREF value of 0.25V is determined by linearity constraints, not DAC functionality.
Note 6: Accuracy is better than 1LSB for VOUT = 12mV to VDD - 180mV.
Note 7: Guaranteed by design. Not production tested.
Note 8: RLOAD =
∞ and digital inputs are at either VDD or GND. VOUT = full-scale output voltage.
Note 9: This timing requirement applies only to CS rising edges, which execute commands modifying the DAC input register contents.
VDD
VREF_
ACCURACY GUARANTEED FROM CODE
TO CODE
3
1.250
6
1023
5
2.500
3
1023


Similar Part No. - MAX5236EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230AEEE MAXIM-MAX5230AEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230BEEE MAXIM-MAX5230BEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5231 MAXIM-MAX5231 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5231AEEE MAXIM-MAX5231AEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
More results

Similar Description - MAX5236EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5234-MAX5235 MAXIM-MAX5234-MAX5235 Datasheet
565Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Rev 0; 1/02
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com