Electronic Components Datasheet Search |
|
NTE1955 Datasheet(PDF) 1 Page - NTE Electronics |
|
NTE1955 Datasheet(HTML) 1 Page - NTE Electronics |
1 / 2 page NTE1955 Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A Description: The NTE1955 positive voltage regulator features the ability to source 1A of output current with a drop- out voltage of typically 0.5V and a maximum of 1V over the entire temperature range. Furthermore, a quiescent current reduction circuit has been included which reduces the ground current when the differential between the input voltage and the output voltage exceeds approximately 3V. The quies- cent current with 1A of output current and an input–output differential of 5V is therefore only 30mA. High quiescent currents only exist when the regulator is in the dropout mode (VIN – VOUT ≤ 3V). Features: D Dropout Voltage: 0.5V (Typ) @ IO = 1A D Output Current in Excess of 1A D Reverse Battery Protection D Internal Short Circuit Current Limit Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Input Voltage, VI Survival Voltage ( ≤100ms) 60V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operational Voltage 26V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internal Power Dissipation (Note 1), PD Internally Limited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . maximum Junction Temperature, TJ +150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature Range, TA –40 ° to +125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Junction Temperature Range, Tstg –65 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead Temperature (During Soldering, 10sec max), TL +230 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 1. Thermal resistance without a heatsink for junction–to–case temperature is 3 °C/W. Thermal resistance case–to–ambient is 50 °C/W |
Similar Part No. - NTE1955 |
|
Similar Description - NTE1955 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |