Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7Q161862B Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7Q161862B
Description  512Kx36 & 1Mx18 QDRTM b2 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q161862B Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7Q161862B Datasheet HTML 5Page - Samsung semiconductor K7Q161862B Datasheet HTML 6Page - Samsung semiconductor K7Q161862B Datasheet HTML 7Page - Samsung semiconductor K7Q161862B Datasheet HTML 8Page - Samsung semiconductor K7Q161862B Datasheet HTML 9Page - Samsung semiconductor K7Q161862B Datasheet HTML 10Page - Samsung semiconductor K7Q161862B Datasheet HTML 11Page - Samsung semiconductor K7Q161862B Datasheet HTML 12Page - Samsung semiconductor K7Q161862B Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b2 SRAM
- 9 -
Rev 1.0
Mar. 2004
K7Q163662B
K7Q161862B
DC ELECTRICAL CHARACTERISTICS
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% @VOH=VDDQ/2 for 175Ω ≤ RQ ≤ 350Ω.
3. |IOL|=(VDDQ/2)/(RQ/5)
±15% @VOL=VDDQ/2 for 175Ω ≤ RQ ≤ 350Ω.
4. Minimum Impedance Mode when ZQ pin is connected to VDD.
5. Operating current is calculated with 50% read cycles and 50% write cycles.
6. Standby Current is only after all pending read and write burst opeactions are completed.
7. Programmable Impedance Mode.
8. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring
timing parameters.
9. VIL (Min)DC=
-0.3V, VIL (Min)AC=-1.5V(pulse width
≤ 3ns).
10. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=VDDQ+0.85V(pulse width
≤ 3ns).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current
IIL
VDD=Max ; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x18) : DDR
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-16
-
400
mA
1,5
Operating Current (x36) : DDR
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-16
-
500
mA
1,5
Standby Current(NOP) : DDR
ISB1
Device deselected, IOUT=0mA,
f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-16
-
240
mA
1,6
Output High Voltage
VOH1
VDDQ/2
VDDQ
V2,7
Output Low Voltage
VOL1
VSS
VDDQ/2
V
3,7
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V4
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
4
Input Low Voltage
VIL
-0.3
VREF-0.1
V
8,9
Input High Voltage
VIH
VREF+0.1
VDDQ+0.3
V
8,10
ABSOLUTE MAXIMUM RATINGS*
*Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. VDDQ must not exceed VDD during normal operation.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 3.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C


Similar Part No. - K7Q161862B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161862B SAMSUNG-K7Q161862B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
More results

Similar Description - K7Q161862B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q163652A SAMSUNG-K7Q163652A Datasheet
505Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7R161882B SAMSUNG-K7R161882B Datasheet
428Kb / 19P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com