Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7R163682B Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7R163682B
Description  512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R163682B Datasheet(HTML) 5 Page - Samsung semiconductor

  K7R163682B Datasheet HTML 1Page - Samsung semiconductor K7R163682B Datasheet HTML 2Page - Samsung semiconductor K7R163682B Datasheet HTML 3Page - Samsung semiconductor K7R163682B Datasheet HTML 4Page - Samsung semiconductor K7R163682B Datasheet HTML 5Page - Samsung semiconductor K7R163682B Datasheet HTML 6Page - Samsung semiconductor K7R163682B Datasheet HTML 7Page - Samsung semiconductor K7R163682B Datasheet HTML 8Page - Samsung semiconductor K7R163682B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
- 5 -
Rev 3.0
June. 2004
K7R163682B
K7R161882B
K7R160982B
PIN CONFIGURATIONS(TOP VIEW) K7R160982B(2Mx9)
Notes: 1. * Checked No Connect(NC) pin is reserved for higher density address, i.e. 2A for 72Mb.
2. BW controls write to D0:D8 .
1
2
3
4
5
6
7
8
9
10
11
A
CQ
VSS/SA*
SA
W
NC
K
NC
R
SA
Vss
CQ
B
NC
NC
NC
SA
NC
K
BW
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
C
SA
SA
NC
D8
Q8
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA
3A,9A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-8
11M,11J,10E,11C,2D,2G,3L,2N,10P
Data Inputs
Q0-8
11L,10J,11E,11B,3E,3G,2L,3P,11P
Data Outputs
W
4A
Write Control Pin,active when low
R
8A
Read Control Pin,active when low
BW
7B
Nybble Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 1.8 V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply ( 1.5V or 1.8V )
VSS
2A,10A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
7A,5A,1B,2B,3B,5B,9B,10B,1C,2C,3C,9C,10C,1D,3D,9D,10D,11D
1E,2E,9E,1F,2F,3F,9F,10F,11F,1G,9G,10G,11G,1J,2J,3J,9J
1K,2K,3K,10K,11K,9K,1L,9L,10L,1M,2M,3M,9M,10M,1N,3N,9N
10N,11N,1P,2P,9P
No Connect
3


Similar Part No. - K7R163682B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R163682B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7Q161862 SAMSUNG-K7Q161862 Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163652A SAMSUNG-K7Q163652A Datasheet
505Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7J163682B SAMSUNG-K7J163682B Datasheet
411Kb / 18P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J161882B SAMSUNG-K7J161882B Datasheet
374Kb / 17P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com