Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060212200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1060212200
Description  Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1060212200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1060212200 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1060212200
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot, Duplex
Cable, Diameter 2.00mm
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Connectors
Series
106021
Cable Size
2.00mm
Material - Housing
PEI
Mode
Singlemode
Overview
Optical Connectivity Solutions
Product Name
LC, SC
UPC
884982481008
Wire/Cable Type
Duplex
Physical
Alignment Sleeve
N/A
Angled Physical Contact (APC)
No
Boot Color
Blue
Boot Type
Straight
Color - Resin
Blue
Ferrule Hole Size
126µm
Ferrule Material
Ceramic
Gender
Plug
Mounting Style
Adhesive
Net Weight
3.170/g
Ports
1
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106021-2200
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Relevant
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Relevant
Search Parts in this Series
106021 Series
Mates With
Industry standard LC or SC adapters
This document was generated on 12/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1060212200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060212200 MOLEX-1060212200_V01 Datasheet
34Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot, Duplex Cable, Diameter 2.00mm
More results

Similar Description - 1060212200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060212500 MOLEX1-1060212500 Datasheet
35Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot
1060212100 MOLEX1-1060212100 Datasheet
35Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, APC, Green Housing, Straight Boot
1060212400 MOLEX1-1060212400 Datasheet
35Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, APC, Green Housing, Straight Boot
1060632200 MOLEX1-1060632200 Datasheet
39Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot
1060214200 MOLEX1-1060214200 Datasheet
35Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, 90O Boot, Simplex cable
1060212200 MOLEX-1060212200_V01 Datasheet
34Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot, Duplex Cable, Diameter 2.00mm
1060212500 MOLEX-1060212500_V01 Datasheet
34Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
1060632320 MOLEX1-1060632320 Datasheet
39Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot, Duplex
1060214100 MOLEX1-1060214100 Datasheet
35Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, APC, Green Housing, 90O Boot
1060214200 MOLEX-1060214200_V01 Datasheet
34Kb / 1P
   Tight-Jacketed Cable LC Connector, Singlemode, Blue Housing, 90O Boot, Simplex Cable, Diameter 2.00mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com